Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT90710AP Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # MT90710AP
Description  High-Speed Isochronous Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90710AP Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button MT90710AP Datasheet HTML 4Page - Mitel Networks Corporation MT90710AP Datasheet HTML 5Page - Mitel Networks Corporation MT90710AP Datasheet HTML 6Page - Mitel Networks Corporation MT90710AP Datasheet HTML 7Page - Mitel Networks Corporation MT90710AP Datasheet HTML 8Page - Mitel Networks Corporation MT90710AP Datasheet HTML 9Page - Mitel Networks Corporation MT90710AP Datasheet HTML 10Page - Mitel Networks Corporation MT90710AP Datasheet HTML 11Page - Mitel Networks Corporation MT90710AP Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MT90710
Preliminary Information
5-14
† Timing is over recommended temperature & power supply voltages (VDD=5V±10%, VSS=0V, TA=0 to 70°C).
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 7 - ST-BUS Timing
AC Electrical Characteristics- ST-BUS Timing
Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Frame Pulse width
tF0iW
244
ns
2
Frame Pulse setup time
tF0iS
10
190
ns
3
Frame Pulse hold time
tF0iH
20
190
ns
4
STo delay Active to Active
tDAA
45
100
ns
CL=150 pF
5
STi setup time
tSTiS
20
ns
6
STi hold time
tSTiH
20
ns
7
Clock period
t
C4i
200
244
300
ns
8
CK Input Low
t
CL
85
122
150
ns
9
CK Input High
tCH
85
122
150
ns
10 Clock Rise/Fall Time
t
r,tf
10
ns
2.0V
0.8V
STi
2.0V
0.8V
2.0V
0.8V
STo
2.0V
0.8V
F0i
tF0iW
tC4i
tCH
tCL
tF0iS
tDAA
tSTiS
tSTiH
tF0iH
Ch. 31
Bit 0
Ch. 0
Bit 7
Ch. 0
Bit 6
Ch. 31
Bit 0
Ch. 0
Bit 7
Ch. 0
Bit 6
Ch. 0
Bit 5
Ch. 0
Bit 5
C4i
tf
tr


Similar Part No. - MT90710AP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT907-PRSS MARKTECH-MT907-PRSS Datasheet
106Kb / 1P
   Visible Light Emitting Diode
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AB ZARLINK-MT9072AB Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AV ZARLINK-MT9072AV Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
More results

Similar Description - MT90710AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Burr-Brown (TI)
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com