Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT90710AP Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part No. MT90710AP
Description  High-Speed Isochronous Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90710AP Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT90710AP Datasheet HTML 4Page - Mitel Networks Corporation MT90710AP Datasheet HTML 5Page - Mitel Networks Corporation MT90710AP Datasheet HTML 6Page - Mitel Networks Corporation MT90710AP Datasheet HTML 7Page - Mitel Networks Corporation MT90710AP Datasheet HTML 8Page - Mitel Networks Corporation MT90710AP Datasheet HTML 9Page - Mitel Networks Corporation MT90710AP Datasheet HTML 10Page - Mitel Networks Corporation MT90710AP Datasheet HTML 11Page - Mitel Networks Corporation MT90710AP Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Preliminary Information
MT90710
5-13
* Exceeding these figures may cause permanent damage. Functional operation under these conditions is not guaranteed.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
DC Supply Voltage
VDD
- 0.3
7
V
2
Input Voltage
Vi
VSS - 0.3
VDD + 0.3
V
3
DC Input Current
Ii
+/- 50
mA
4
Storage Temperature
Tstg
- 65
+ 150
°C
Recommended Operating Conditions
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Input Voltage
VDD
4.5
5.5
V
2
Operating Temperature
TOP
0+70
°C
DC Electrical Characteristics - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Supply Current
operating
IDD
230
276
mA
2
Input HIGH voltage (TTL)
VIHT
2.0
V
Input Type 1
3
Input LOW voltage (TTL)
VILT
0.8
V
Input Type 1
4
Input HIGH voltage (CMOS)
VIHC
0.7VDD
V
Input Type 2
5
Input LOW voltage (CMOS)
VILC
0.3VDD
V
Input Type 2
6
Positive threshold (schmitt)
V+
2.0
V
Input Type 3
7
Negative threshold (schmitt)
V-
0.8
V
Input Type 3
8
Hysteresis
VH
0.5
V
Input Type 3
9
Input leakage current
IIH/IIL
150
µAVDD=5.5V,
VIN=VSS to VDD
10
High level output voltage
VOH
3.7
V
All output types @ max I
11
Low level output voltage
VOL
0.4
V
All output types @ max I
12
Output Current
IO1
IO4
IO12
1
4
12
mA
mA
mA
Output Type 1
Output Type 2
Output Type 3
13
High impedance leakage
IOZ
20
µAVDD=5.5V,
VIN=VSS to VDD
14
Output capacitance
Co
20
pF
15
Input capacitance
Ci
720
pF


Similar Part No. - MT90710AP

ManufacturerPart No.DatasheetDescription
Marktech Corporate
Marktech Corporate
MT907-PRSS MARKTECH-MT907-PRSS Datasheet
106Kb / 1P
   Visible Light Emitting Diode
Zarlink Semiconductor Inc
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AB ZARLINK-MT9072AB Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AV ZARLINK-MT9072AV Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
Mitel Networks Corporation
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
More results

Similar Description - MT90710AP

ManufacturerPart No.DatasheetDescription
Zetex Semiconductors
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
Burr-Brown (TI)
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
Diodes Incorporated
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Texas Instruments
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
Zetex Semiconductors
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
Texas Instruments
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz