Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-LS3811-V1.1 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # E-LS3811-V1.1
Description  3 Keys Clock With 5 Daily Alarm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

E-LS3811-V1.1 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  E-LS3811-V1.1 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LS
LS3811
Version 1.1 (2005.06.03)
3
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
B0, B1
OUTPUT
Buzzer output
F512, VCAP
OUTPUT
Doubler output
VEE
OUTPUT
-1.5V
T1, T2
INPUT
TEST pin
COSCO
OUTPUT
32KHz oscillator output
COSCI
INPUT
32KHz oscillator input
VDD
POWER
+1.5V power supply
GND
POWER
Ground
KMODE, KSET, KEL
INPUT(PL)
Input key
BAL
INPUT
Bonding option
PB
INPUT(PH)
Power up reset
C[1:3]
OUTPUT
LCD Common output
S[1:17]
OUTPUT
LCD Segment output
Note: (PH) - pull high;
Absolute Maximum Ratings
Supply voltage Vdd - Vss..........................0 to 5V
Input voltage Vin.................................Vss to Vdd
Operating temperature Top .............-10°C to 60°C
Storing temperature Tst ...................-40°C to 70°C
Comments
Stress above those listed under absolute Maximum Ratings”
may cause permanent damage
to the device.
These are stress rating only.
Functional operation of this device at these or any
other conditions above those indicated in the operational sections of this specification is not implied
and exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
D.C. Electrical Characteristics
(GND = 0V, Vdd = 1.5V, Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
Vdd
1.25
1.5
1.75
V
Operating current
Idd
-
2
5
µA
No load
OSC. built-in cap
Cd
-
20
-
pF
OSC. trimmer cap
Ctrim
5
-
35
pF
Frequency stability
^f/f
-
-
10
ppM
Vdd=1.6-1.4
Buzzer output current
Ib
200
-
-
µA
Vbd-Vss=0.5
LCD frequency
Flcd
-
64
-
Hz
Segment current
Is
0.15
-
-
µA
Vseg=0.2V
Common current
Ic
3.0
-
-
µA
Vcom=0.2V


Similar Part No. - E-LS3811-V1.1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-LS1240A STMICROELECTRONICS-E-LS1240A Datasheet
245Kb / 9P
   Low current consumption, in order to allow the parallel operation of 4 devices
E-LS1240A STMICROELECTRONICS-E-LS1240A Datasheet
245Kb / 9P
   Electronic two-tone ringer
E-LS1240AD1 STMICROELECTRONICS-E-LS1240AD1 Datasheet
245Kb / 9P
   Electronic two-tone ringer
logo
BOWIN ELECTRONIC CO.
E-LS1356-V1.2 BOWIN-E-LS1356-V1.2 Datasheet
113Kb / 6P
   4 Digit Time With Colon Default
E-LS1357-V1.2 BOWIN-E-LS1357-V1.2 Datasheet
112Kb / 6P
   4 Digit Time With Colon Default
More results

Similar Description - E-LS3811-V1.1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1618 UTC-1618_12 Datasheet
162Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618 UTC-1618 Datasheet
41Kb / 4P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_15 Datasheet
195Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_08 Datasheet
150Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
logo
Sanyo Semicon Device
LM8460 SANYO-LM8460 Datasheet
112Kb / 1P
   ALARM CLOCK (CLOCK RADIO.ETC)
logo
Silan Microelectronics ...
SC8562 SILAN-SC8562 Datasheet
670Kb / 9P
   DIGITAL ALARM CLOCK WITH LED DRIVER
logo
BOWIN ELECTRONIC CO.
LS3262 BOWIN-LS3262 Datasheet
92Kb / 9P
   4 Digit Alarm Clock With Calendar
logo
National Semiconductor ...
MM5316 NSC-MM5316 Datasheet
224Kb / 5P
   Digital Alarm Clock
logo
Sanyo Semicon Device
LM8560N SANYO-LM8560N Datasheet
191Kb / 7P
   Digital Alarm Clock
LM8562 SANYO-LM8562 Datasheet
83Kb / 7P
   Digital Alarm Clock
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com