Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-LS3811-V1.1 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # E-LS3811-V1.1
Description  3 Keys Clock With 5 Daily Alarm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

E-LS3811-V1.1 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  E-LS3811-V1.1 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. E-LS3811-V1.1 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LS
LS3811
3 Keys Clock With 5 Daily Alarm
Version 1.1 (2005.06.03)
1
General Description
This is a low cost single chip 3 keys clock with 5 daily alarm.
Features:
*
Operating voltage 1.5V
* Low power consumption
* Hour Minute display for different mode.
* On-chip, 4-digit, 1/3 duty cycle, 1/2 bias, LCD driver.
* LCD bias level: 0.0V, 1.5V, 3.0V.
* On chip 32768Hz crystal.
* Daily Alarm - It generates a sound (4KHz x 8Hz x 1Hz) for 60 seconds. Pressed any
key to stop it.
* Chime Function - Every hour on the hour, beep (4KHz x 4Hz x 1Hz) for 1 second.
* 4KHz on-chip buzzer output driver to give alarm sound and beep tone.
* Bonding option of alarm non-stop until user disable.
* Bonding option of 12/24 hour format display.
* Bonding option of max. 2 -- 5 selectable daily alarm time.
LCD display


Similar Part No. - E-LS3811-V1.1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-LS1240A STMICROELECTRONICS-E-LS1240A Datasheet
245Kb / 9P
   Low current consumption, in order to allow the parallel operation of 4 devices
E-LS1240A STMICROELECTRONICS-E-LS1240A Datasheet
245Kb / 9P
   Electronic two-tone ringer
E-LS1240AD1 STMICROELECTRONICS-E-LS1240AD1 Datasheet
245Kb / 9P
   Electronic two-tone ringer
logo
BOWIN ELECTRONIC CO.
E-LS1356-V1.2 BOWIN-E-LS1356-V1.2 Datasheet
113Kb / 6P
   4 Digit Time With Colon Default
E-LS1357-V1.2 BOWIN-E-LS1357-V1.2 Datasheet
112Kb / 6P
   4 Digit Time With Colon Default
More results

Similar Description - E-LS3811-V1.1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1618 UTC-1618_12 Datasheet
162Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618 UTC-1618 Datasheet
41Kb / 4P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_15 Datasheet
195Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_08 Datasheet
150Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
logo
Sanyo Semicon Device
LM8460 SANYO-LM8460 Datasheet
112Kb / 1P
   ALARM CLOCK (CLOCK RADIO.ETC)
logo
Silan Microelectronics ...
SC8562 SILAN-SC8562 Datasheet
670Kb / 9P
   DIGITAL ALARM CLOCK WITH LED DRIVER
logo
BOWIN ELECTRONIC CO.
LS3262 BOWIN-LS3262 Datasheet
92Kb / 9P
   4 Digit Alarm Clock With Calendar
logo
National Semiconductor ...
MM5316 NSC-MM5316 Datasheet
224Kb / 5P
   Digital Alarm Clock
logo
Sanyo Semicon Device
LM8560N SANYO-LM8560N Datasheet
191Kb / 7P
   Digital Alarm Clock
LM8562 SANYO-LM8562 Datasheet
83Kb / 7P
   Digital Alarm Clock
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com