Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9041 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT9041
Description  Multiple Output Trunk PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9041 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT9041 Datasheet HTML 3Page - Mitel Networks Corporation MT9041 Datasheet HTML 4Page - Mitel Networks Corporation MT9041 Datasheet HTML 5Page - Mitel Networks Corporation MT9041 Datasheet HTML 6Page - Mitel Networks Corporation MT9041 Datasheet HTML 7Page - Mitel Networks Corporation MT9041 Datasheet HTML 8Page - Mitel Networks Corporation MT9041 Datasheet HTML 9Page - Mitel Networks Corporation MT9041 Datasheet HTML 10Page - Mitel Networks Corporation MT9041 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Advance Information
MT9041
3-89
Input Jitter
Modulation
Frequency
(Hz)
Input Jitter
Magnitude
(UIp-p)
Measured Jitter Output (UIp-p)
T1 Reference Input
E1 Reference Input
Output Jitter
Magnitude
(UIp-p)
Jitter
Attenuation
(dB)
Output Jitter
Magnitude
(UIp-p)
Jitter
Attenuation
(dB)
10
1.5
.355
12.52
.351
12.62
20
1.5
.186
18.13
.185
18.18
40
1.5
.095
23.97
.096
23.88
100
1.5
.039
31.70
.039
31.70
200
1.5
.021
37.08
.020
37.50
400
1.5
.012
41.94
.012
41.94
1000
1.5
.006
47.96
.007
46.62
7900*
1.044
.002
54.35
.002
54.35
7950*
1.044
.002
54.35
.002
54.35
7980*
1.044
.002
54.35
.002
54.35
7999*
1.044
.002
54.35
.002
54.35
8001*
1.044
.002
54.35
.002
54.35
8020*
1.044
.002
54.35
.002
54.35
8050*
1.044
.002
54.35
.002
54.35
8100*
1.044
.002
54.35
.002
54.35
10000
0.35
.004
38.84
.003
41.34
100000
0.20
.004
33.98
.003
36.48
Table 6 - Typical Jitter Transfer Function for the E1 Output
Notes
1) For input jitter from 10 kHz to 100 kHz, the jitter attenuation is of such magnitude that intrinsic jitter dominates the output
signal, rendering the jitter transfer function unmeasurable.
2) Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
* Output jitter dominated by intrinsic jitter.


Similar Part No. - MT9041

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9041B MITEL-MT9041B Datasheet
72Kb / 19P
   T1/E1 System Synchronizer
MT9041BP MITEL-MT9041BP Datasheet
72Kb / 19P
   T1/E1 System Synchronizer
More results

Similar Description - MT9041

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8940AC MITEL-MT8940AC Datasheet
204Kb / 16P
   T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
logo
Mitel Networks Corporat...
MT8940 MITEL-MT8940 Datasheet
299Kb / 16P
   ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8941B MITEL-MT8941B Datasheet
131Kb / 22P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8941 MITEL-MT8941 Datasheet
246Kb / 18P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
logo
Sumida Corporation
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
   Multiple Output Transformer
logo
Mitel Networks Corporat...
MT8940-1 MITEL-MT8940-1 Datasheet
132Kb / 19P
   ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
logo
Microsemi Corporation
LX1672 MICROSEMI-LX1672 Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com