Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS9041DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS9041DFT2G
Description  SPDT, Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS9041DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS9041DFT2G Datasheet HTML 1Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 2Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 3Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 4Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 5Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 6Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 7Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 8Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NLAS9041
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
(V)
TA = +25°C
TA = −40°C to +85°C
Unit
Figure
#
Min
Typ
Max
Min
Max
tPHL
tPLH
Propagation Delay
Bus−to−Bus (Note 9)
VI = OPEN
2.7
4.5
2.0
0.3
ns
3, 4
tON
Output Enable Time
Turn On Time
(A to Bn)
B0 or B1 = 1.5 V,
RL = 50 W, CL = 35 pF
B0 or B1 = 3.0 V,
RL = 50 W, CL = 35 pF
2.7
4.5
30
20
35
25
ns
3, 4
tOFF
Output Disable Time
Turn Off Time
(A Port to B Port)
B0 or B1 = 1.5V,
RL = 50 W, CL = 35 pF
B0 or B1 = 3.0 V,
RL = 50 W, CL = 35 pF
2.7
4.5
20
15
25
20
ns
3, 4
tBBM
Break Before Make Time
(Note 8)
2.7
4.5
0.5
0.5
0.5
0.5
ns
2
Q
Charge Injection
(Note 8)
CL = 1.0 nF, VGEN = 0 V
RGEN = 0 W
2.7
4.5
26
48
pC
6
OIRR
Off Isolation (Note 10)
RL = 50 W
f = 1.0 MHz
2.7 −
5.5
−52
dB
5
Xtalk
Crosstalk
RL = 50 W
f = 1.0 MHz
2.7 −
5.5
−57
dB
7
BW
−3 dB Bandwidth
RL = 50 W
2.7 −
5.5
40
MHz
8
THD
Total Harmonic
Distortion (Note 8)
RL = 600 W
0.5 VP−P
f = 20 Hz to 20 kHz
2.7 −
5.5
0.012
%
9
8. Guaranteed by Design.
9. This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than the RC delay of the On
Resistance of the switch and the 50 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
10.Off Isolation = 20 log10 [VA/VBn].
CAPACITANCE (Note 11)
Symbol
Parameter
Test Conditions
Typ
Max
Unit
Figure
#
CIN
Select Pin Input Capacitance
VCC = 0 V, f = 1 MHz
10
pF
CIO−B
B Port Off Capacitance
VCC = 4.5 V, f = 1 MHz
25
pF
CIOA−ON
A Port Capacitance when Switch is Enabled
VCC = 4.5 V, f = 1 MHz
87
pF
11. TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested in production.


Similar Part No. - NLAS9041DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS9031 ONSEMI-NLAS9031 Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031DFT2G ONSEMI-NLAS9031DFT2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031MTR2G ONSEMI-NLAS9031MTR2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9051 ONSEMI-NLAS9051 Datasheet
189Kb / 9P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9051MNR2G ONSEMI-NLAS9051MNR2G Datasheet
189Kb / 9P
   SPDT Switch
April, 2007 ??Rev. 0
More results

Similar Description - NLAS9041DFT2G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
   SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
   SPDT Switch
logo
Sanyo Semicon Device
SPM3252 SANYO-SPM3252 Datasheet
18Kb / 3P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6101 PASTERNACK-PE71S6101 Datasheet
431Kb / 4P
   SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com