Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS9041DFT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS9041DFT2G
Description  SPDT, Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS9041DFT2G Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS9041DFT2G Datasheet HTML 1Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 2Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 3Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 4Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 5Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 6Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 7Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 8Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2007
April, 2007 − Rev. 0
1
Publication Order Number:
NLAS9041/D
NLAS9041
SPDT, 1 W RON Switch
The NLAS9041 is a low RON SPDT analog switch. This device is
designed for low operating voltage, high current switching of speaker
output for cell phone applications. It can switch a balanced stereo
output.
The
NLAS9041
can
handle
a
balanced
microphone/speaker/ringtone generator in a monophone mode. The
device contains a break−before−make (BBM) feature.
Features
Single Supply Operation:
1.65 V to 5.5 V VCC
Function Directly from LiON Battery
Tiny SC88 6−Pin Pb−Free Package:
Meets JEDEC MO−220 Specifications
RON Typical = 0.8 W @ VCC = 4.5 V
Low Static Power
This is a Pb−Free Device
Typical Applications
Cell Phone Speaker/Microphone Switching
Ringtone−Chip/Amplifier Switching
Stereo Balanced (Push−Pull) Switching
Important Information
Ringtone−Chip/Amplifier Switching
Continuous Current Rating Through each Switch ±300 mA
Conforms to: JEDEC MO−220, Issue H, Variation VEED−6
Pin for Pin Compatible with FSA9041
http://onsemi.com
SC−88 (SOT−363)
CASE 419B
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
1
2
3
6
5
4
(Top View)
B1
GND
B0
S
VCC
A
PIN ASSIGNMENTS
MARKING DIAGRAM
AN
= Specific Device Code
M
= Date Code
G or G = Pb−Free Package
1
AN M
1
6


Similar Part No. - NLAS9041DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS9031 ONSEMI-NLAS9031 Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031DFT2G ONSEMI-NLAS9031DFT2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031MTR2G ONSEMI-NLAS9031MTR2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9051 ONSEMI-NLAS9051 Datasheet
189Kb / 9P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9051MNR2G ONSEMI-NLAS9051MNR2G Datasheet
189Kb / 9P
   SPDT Switch
April, 2007 ??Rev. 0
More results

Similar Description - NLAS9041DFT2G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
   SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
   SPDT Switch
logo
Sanyo Semicon Device
SPM3252 SANYO-SPM3252 Datasheet
18Kb / 3P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6101 PASTERNACK-PE71S6101 Datasheet
431Kb / 4P
   SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com