Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS3157 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS3157
Description  Low Voltage SPDT Mux Demux Analog Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3157 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS3157 Datasheet HTML 1Page - ON Semiconductor NLAS3157 Datasheet HTML 2Page - ON Semiconductor NLAS3157 Datasheet HTML 3Page - ON Semiconductor NLAS3157 Datasheet HTML 4Page - ON Semiconductor NLAS3157 Datasheet HTML 5Page - ON Semiconductor NLAS3157 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. P2
1
Publication Order Number:
NLAS3157/D
NLAS3157
Product Preview
Low Voltage SPDT Mux /
Demux Analog Switch
The NLAS3157 Mux / Demux Analog Switch is an advanced high−
speed single−pole double−throw (SPDT) CMOS switch. It can be used
as an analog switch or as a low−delay bus switch. Break−before−make
switching prevents both switches being enabled simultaneously. This
eliminates signal disruption during switching. The control input, S, is
independent of supply voltage line switch in an ultra−small footprint.
Features
High Speed: tPD = 0.25 ns (Max) @ VCC = 4.5 V
RON: 7.5 pF Typ @ VCC = 4.2 V
CON: 7.5 pF Typ @ VCC = 3.3 V
VCC Range: 1.65 V to 4.5 V
Ultra−Small 1 x 1 mm Package
This Device is Pb−Free, Halogen Free/BFR Free and RoHS
Compliant
Typical Applications
Mobile Phones, PDAs, Camera
GND
A
VCC
B0
B1
1
2
34
5
Figure 1. ULLGA6
(Top View)
Figure 2. Logic Diagram
S
6
B1
S
B0
A
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 5 of
this data sheet.
MARKING
DIAGRAMS
FUNCTION TABLE
L
H
Input S
Function
A = B0
A = B1
ULLGA6
1.0 x 1.0
CASE 613AD
Y
= Specific Device Code
M
= Date Code
M
1


Similar Part No. - NLAS3157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157 ONSEMI-NLAS3157 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3157MX3TCG ONSEMI-NLAS3157MX3TCG Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157MX3TCG ONSEMI-NLAS3157MX3TCG Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
More results

Similar Description - NLAS3157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
logo
ON Semiconductor
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
Pericom Semiconductor C...
PI5A4213 PERICOM-PI5A4213 Datasheet
431Kb / 7P
   Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDTQS4A205 IDT-IDTQS4A205_14 Datasheet
264Kb / 7P
   HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com