Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV70514MW003G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV70514MW003G
Description  Micro-stepping Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV70514MW003G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV70514MW003G Datasheet HTML 2Page - ON Semiconductor NCV70514MW003G Datasheet HTML 3Page - ON Semiconductor NCV70514MW003G Datasheet HTML 4Page - ON Semiconductor NCV70514MW003G Datasheet HTML 5Page - ON Semiconductor NCV70514MW003G Datasheet HTML 6Page - ON Semiconductor NCV70514MW003G Datasheet HTML 7Page - ON Semiconductor NCV70514MW003G Datasheet HTML 8Page - ON Semiconductor NCV70514MW003G Datasheet HTML 9Page - ON Semiconductor NCV70514MW003G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
NCV70514
www.onsemi.com
6
EQUIVALENT SCHEMATICS
The following figure gives the equivalent schematics of the user relevant inputs and outputs. The diagrams are simplified
representations of the circuits used.
VDD
VBB
DIGITAL
IN
Ipd
MOT
OUT
DIGITAL
OUT
ERRB,
DO
DI, CLK,
NXT, DIR,
RHB,
STEP0,
STEP1,
(CSB)
MOTXP,
MOTXN,
MOTYN,
MOTYP
Figure 4. Input and Output Equivalent Diagrams
ELECTRICAL CHARACTERISTICS
DC PARAMETERS
The DC parameters are guaranteed over junction temperature from −40 to 145
°C and VBB in the operating range from 6
to 29 V, unless otherwise specified. Convention: currents flowing into the circuit are defined as positive.
Table 6. DC PARAMETERS
Symbol
Pin(s)
Parameter
Test Conditions
Min
Typ
Max
Unit
MOTORDRIVER
IMS-
max,Peak
MOTXP
MOTXN
MOTYP
MOTYN
Max current through motor coil in
normal operation
VBB = 14 V
800
mA
IMSabs
Absolute error on coil current
(Note 15)
VBB = 14 V,
Tj = 145°C
−10
10
%
IMSrel
Matching of X & Y coil currents
(Note 15)
VBB = 14 V
−7
7
%
RDS(on)
On resistance of High side + Low side
Driver at the highest current range
Tj ≤ 25°C
1.8
W
Tj = 145°C
2.4
W
Rmpd
Motor pin pull−down resistance
HiZ mode
70
k
W
LOGIC INPUTS
VinL
DI, CLK,
NXT,
DIR,
RHB,
STEP0,
STEP1
Logic low input level, max
Tj = 145°C
0.8
V
VinH
Logic high input level, min
Tj = 145°C
2.4
V
IinL
Logic low input level, max
Tj = 145°C
−1
mA
IinH
Logic high input level, max
Tj = 145°C
1
2
4
mA
15. Tested in production for 800 mA, 400 mA, 200 mA and 100 mA current settings for both X and Y coil.
16. CSB has an internal weak pull−up resistor of 100 k
W.
17. Thermal warning is derived from thermal shutdown (Ttw = Ttsd − 20°C).
18. No more than 100 cumulated hours in life time above Ttw.
19. Parameter guaranteed by trimming relevant OTPs in production test at 160
°C and VBB = 14 V.
20. Dynamic current is with oscillator running, all analogue cells active. Coil currents 0 mA, SPI active, ERRB inactive, no floating inputs, TST
input tied to GND.
21. All analog cells in power down. Logic powered, no clocks running. All outputs unloaded, no floating inputs.
22. Pin VDD must not be used for any external supply.
23. The SPI registers content will not be altered above this voltage.
24. Maximum allowed drain current that the output can withstand without getting damaged. Not tested in production.


Similar Part No. - NCV70514MW003G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV70514MW003G ONSEMI-NCV70514MW003G Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
NCV70514MW003G ONSEMI-NCV70514MW003G Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
More results

Similar Description - NCV70514MW003G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
AMIS-30521 ONSEMI-AMIS-30521 Datasheet
292Kb / 28P
   Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com