Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8406ASTT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8406ASTT3G
Description  Self-Protected Low Side Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8406ASTT3G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8406ASTT3G Datasheet HTML 1Page - ON Semiconductor NCV8406ASTT3G Datasheet HTML 2Page - ON Semiconductor NCV8406ASTT3G Datasheet HTML 3Page - ON Semiconductor NCV8406ASTT3G Datasheet HTML 4Page - ON Semiconductor NCV8406ASTT3G Datasheet HTML 5Page - ON Semiconductor NCV8406ASTT3G Datasheet HTML 6Page - ON Semiconductor NCV8406ASTT3G Datasheet HTML 7Page - ON Semiconductor NCV8406ASTT3G Datasheet HTML 8Page - ON Semiconductor NCV8406ASTT3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. 4
1
Publication Order Number:
NCV8406/D
NCV8406, NCV8406A
Self-Protected Low Side
Driver with Temperature
and Current Limit
65 V, 7.0 A, Single N−Channel
NCV8406/A is a three terminal protected Low-Side Smart Discrete
device. The protection features include overcurrent, overtemperature,
ESD and integrated Drain-to-Gate clamping for overvoltage protection.
This device offers protection and is suitable for harsh automotive
environments.
Features
Short Circuit Protection
Thermal Shutdown with Automatic Restart
Over Voltage Protection
Integrated Clamp for Inductive Switching
ESD Protection
dV/dt Robustness
Analog Drive Capability (Logic Level Input)
These Devices are Faster than the Rest of the NCV Devices
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Switch a Variety of Resistive, Inductive and Capacitive Loads
Can Replace Electromechanical Relays and Discrete Circuits
Automotive / Industrial
Drain
Source
Temperature
Limit
Gate
Input
Current
Limit
Current
Sense
Overvoltage
Protection
ESD Protection
VDSS
(Clamped)
RDS(on) TYP
ID TYP
(Limited)
65 V
210 m
W
7.0 A
www.onsemi.com
SOT−223
CASE 318E
STYLE 3
MARKING
DIAGRAM
A
= Assembly Location
Y
= Year
W, WW = Work Week
xxxxx
= V8406 or 8406A
G or
G = Pb−Free Package
1
(Note: Microdot may be in either location)
1
AYW
xxxxx
G
G
23
4
GATE
DRAIN
SOURCE
DRAIN
2
3
4
1 2
3
4
DPAK
CASE 369C
YWW
xxxxxG
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCV8406ASTT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8406ASTT3G ONSEMI-NCV8406ASTT3G Datasheet
147Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 2
NCV8406ASTT3G ONSEMI-NCV8406ASTT3G Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8406ASTT3G ONSEMI-NCV8406ASTT3G Datasheet
247Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit 65 V, 7.0 A, Single N-Channel
January, 2020 - Rev. 9
More results

Similar Description - NCV8406ASTT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8408 ONSEMI-NCV8408_16 Datasheet
110Kb / 9P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 6
NCV8405A ONSEMI-NCV8405A Datasheet
111Kb / 12P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 5
NCV8402D ONSEMI-NCV8402D_16 Datasheet
95Kb / 11P
   Dual Self-Protected Low-Side Driver
July, 2016 ??Rev. 3
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com