Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV53480 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV53480
Description  Low-Power OOK/FSK/ASK ISM Band Transceiver
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV53480 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV53480 Datasheet HTML 1Page - ON Semiconductor NCV53480 Datasheet HTML 2Page - ON Semiconductor NCV53480 Datasheet HTML 3Page - ON Semiconductor NCV53480 Datasheet HTML 4Page - ON Semiconductor NCV53480 Datasheet HTML 5Page - ON Semiconductor NCV53480 Datasheet HTML 6Page - ON Semiconductor NCV53480 Datasheet HTML 7Page - ON Semiconductor NCV53480 Datasheet HTML 8Page - ON Semiconductor NCV53480 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
NCV53480
http://onsemi.com
4
Table 2. PINOUT AND DESCRIPTION
Pin
Name
Pad Description
1
RFOUT
RF Output
2
RFIN
RF Input
3
LNAVDD
LNA Supply Connection
4
RFVSS
VSS for the RF Section
5
AVDD
VDD for the Analog Section
6
FMPOS
External Cap Connection for the FM Peak Detector, or for the RC Integrator (See FSK Detector
Section)
7
FMNEG
External Cap Connection for the FM Negative Peak Detector
8
FMGPIO
Multi−Function Pin Can Provide Analog FM out, FSK Sliced Data Out, and is Used as an Input for
FSK Transmit.
9
AMGPIO
Multi−Function Pin Can Provide Analog RSSI, ASK Sliced Data Out, and is Used as an Input for
ASK Transmit.
10
AMNEG
External Cap Connection for the AM Negative Peak Detector
11
AMPOS
External Cap Connection for the AM Peak Detector, or for the RC Integrator (See ASK Detector
Options)
12
XTAL1
Crystal Oscillator Input Pin
13
XTAL2
Crystal Oscillator Output Pin
14
AVSS
VSS for the Analog Section
15
xINT
Active low output for interrupt of external micro−processor during a receive event
16
GPO
General Purpose Output
17
xReset
Open Drain Digital IO. This Signal Will Go Active (‘0’) During a POR, or Can Be Pulled Active (‘0’)
to Reset the Part.
18
RXTX
Recovered Data from the CDR in Receive Mode. Transmit Data for Synchronous Transmit Mode.
19
DCLK
Recovered Clock from the CDR in Receive Mode. Baud Clock for Synchronous Transmit Mode.
20
DREG
External capacitor connection for the internal digital regulator
21
DVDD
VDD for the Digital Section
22
DVSS
VSS for the Digital Section
23
SYSCLK
General Purpose Digital Output that can be Configured to Provide a System Clock to an External
Micro−Processor
24
SDATA
Data Pin for the Serial I2C Register Interface
25
SCLK
Clock pin for the serial I2C Register Interface
26
RXACTIVE
Pin Used to Indicate the Device is in Receive
27
LOVDD
VDD for the PLL
28
LOOPOUT
Charge Pump Output to External Loop Filter
29
LOOPIN
VCO Control Input When External Loop Filter is Selected
30
LOVSS
VSS for the PLL
31
RFVDD
VDD for the RF Section
32
RFPWR
Transmitter Power Supply for Output Power Regulation


Similar Part No. - NCV53480

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV500 ONSEMI-NCV500 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCV500SN185T1G ONSEMI-NCV500SN185T1G Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCV500SN18T1G ONSEMI-NCV500SN18T1G Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCV500SN28T1G ONSEMI-NCV500SN28T1G Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCV500SN33T1G ONSEMI-NCV500SN33T1G Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
More results

Similar Description - NCV53480

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com