Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS393DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # TS393DR2G
Description  Micropower Dual CMOS Voltage Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TS393DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  TS393DR2G Datasheet HTML 1Page - ON Semiconductor TS393DR2G Datasheet HTML 2Page - ON Semiconductor TS393DR2G Datasheet HTML 3Page - ON Semiconductor TS393DR2G Datasheet HTML 4Page - ON Semiconductor TS393DR2G Datasheet HTML 5Page - ON Semiconductor TS393DR2G Datasheet HTML 6Page - ON Semiconductor TS393DR2G Datasheet HTML 7Page - ON Semiconductor TS393DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCV2393, TS393
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
: VS = +5 V, unless otherwise noted
(Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = mid−supply V, VS = 5 V to 10 V
1.4
mV
Input Bias Current
(Note 8)
IIB
VCM = mid−supply
1
pA
600
pA
Input Offset Current
(Note 8)
IOS
VCM = mid−supply
1
pA
300
pA
Input Common Mode
Range
VCM
VSS
VDD
1.5
V
VSS
VDD
2
V
Common Mode Rejection
Ratio
CMRR
VCM = VSS to VCM = VDD − 1.5 V
71
dB
OUTPUT CHARACTERISTICS
Output Voltage Low
VOL
VID = −1 V, IOL = +6 mA
VSS +
260
VSS +
350
mV
VSS +
550
mV
Output Current High
IOH
VID = +1 V, VOH = +5 V
2
40
nA
1000
nA
DYNAMIC PERFORMANCE
Fall Time
tFALL
50 mV overdrive, f = 10 kHz, RPU = 5.1 kW,
CL = 50 pF
25
ns
Propagation Delay Low to
High
tPLH
VCM = mid−supply,
f = 10 kHz, RPU = 5.1 kW,
CL = 50 pF
5 mV overdrive
2.1
ms
10 mV overdrive
1.2
ms
20 mV overdrive
0.8
ms
40 mV overdrive
0.5
ms
TTL input
0.6
ms
Propagation Delay High
to Low
tPHL
VCM = mid−supply,
f = 10 kHz, RPU = 5.1 kW,
CL = 50 pF
5 mV overdrive
5.8
ms
10 mV overdrive
3.2
ms
20 mV overdrive
1.7
ms
40 mV overdrive
1.0
ms
TTL input
0.3
ms
POWER SUPPLY
Power Supply Rejection
Ratio
PSRR
VS = +5 V to = +10 V
80
dB
Quiescent Current
IDD
Per channel, no load, output = LOW
6
15
mA
20
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
8. Guaranteed by characterization and/or design


Similar Part No. - TS393DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TS393DR2G ONSEMI-TS393DR2G Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
More results

Similar Description - TS393DR2G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
logo
STMicroelectronics
JTS3702 STMICROELECTRONICS-JTS3702 Datasheet
4Mb / 10P
   Micropower dual CMOS voltage comparator: unsawn wafer
JTS393 STMICROELECTRONICS-JTS393 Datasheet
1Mb / 10P
   Micropower dual CMOS voltage comparator: unsawn wafer
December 2013 Rev 1
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Texas Instruments
TLC193 TI-TLC193 Datasheet
354Kb / 23P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com