Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8406 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8406
Description  Self-Protected Low Side Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8406 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8406 Datasheet HTML 2Page - ON Semiconductor NCV8406 Datasheet HTML 3Page - ON Semiconductor NCV8406 Datasheet HTML 4Page - ON Semiconductor NCV8406 Datasheet HTML 5Page - ON Semiconductor NCV8406 Datasheet HTML 6Page - ON Semiconductor NCV8406 Datasheet HTML 7Page - ON Semiconductor NCV8406 Datasheet HTML 8Page - ON Semiconductor NCV8406 Datasheet HTML 9Page - ON Semiconductor NCV8406 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCV8406, NCV8406A
www.onsemi.com
6
TYPICAL PERFORMANCE CURVES
Figure 14. Normalized Threshold Voltage vs.
Temperature
Figure 15. Source−Drain Diode Forward
Characteristics
T (
°C)
IS (A)
140
100
60
40
20
0
−20
−40
0.6
0.7
0.8
0.9
1.0
1.1
1.2
8
7
6
5
4
3
2
1
500
600
700
800
1000
1100
80
120
9
10
−40
°C
25
°C
100
°C
150
°C
Figure 16. Resistive Load Switching Time vs.
Gate−Source Voltage
VGS (V)
10
9
8
7
6
5
4
3
0
200
600
1000
1600
td(off)
td(on)
tf
tr
ID = 150 mA
VDS = VGS
1200
VGS = 0 V
VDD = 13.8 V
ID = 2 A
RG = 0 W
900
400
800
1400
Figure 17. Resistive Load Switching Time vs.
Gate Resistance
RG (W)
2000
1500
1000
500
0
−200
200
1400
3000
3400
td(on), VGS = 5 V
td(off), VGS = 5 V
tr, VGS = 5 V
tf, VGS = 5 V
td(on), VGS = 10 V
td(off), VGS = 10 V
tr, VGS = 10 V
tf, VGS = 10 V
2600
2200
1800
1000
600
Figure 18. Drain−Source Voltage Slope during
Turn On and Turn Off vs. Gate Resistance
RG (W)
2000
1500
1000
500
0
5
10
15
25
35
20
30
dVDS/dt(off), VGS = 5 V
dVDS/dt(off), VGS = 10 V


Similar Part No. - NCV8406

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8406A ONSEMI-NCV8406A Datasheet
247Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit 65 V, 7.0 A, Single N-Channel
January, 2020 - Rev. 9
NCV8406ADTRKG ONSEMI-NCV8406ADTRKG Datasheet
147Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 2
NCV8406ADTRKG ONSEMI-NCV8406ADTRKG Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8406ADTRKG ONSEMI-NCV8406ADTRKG Datasheet
247Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit 65 V, 7.0 A, Single N-Channel
January, 2020 - Rev. 9
More results

Similar Description - NCV8406

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8408 ONSEMI-NCV8408_16 Datasheet
110Kb / 9P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 6
NCV8405A ONSEMI-NCV8405A Datasheet
111Kb / 12P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 5
NCV8402D ONSEMI-NCV8402D_16 Datasheet
95Kb / 11P
   Dual Self-Protected Low-Side Driver
July, 2016 ??Rev. 3
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com