Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3RL02FCT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3RL02FCT2G
Description  Low Phase-Noise Two-Channel Clock Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3RL02FCT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NB3RL02FCT2G Datasheet HTML 1Page - ON Semiconductor NB3RL02FCT2G Datasheet HTML 2Page - ON Semiconductor NB3RL02FCT2G Datasheet HTML 3Page - ON Semiconductor NB3RL02FCT2G Datasheet HTML 4Page - ON Semiconductor NB3RL02FCT2G Datasheet HTML 5Page - ON Semiconductor NB3RL02FCT2G Datasheet HTML 6Page - ON Semiconductor NB3RL02FCT2G Datasheet HTML 7Page - ON Semiconductor NB3RL02FCT2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NB3RL02
www.onsemi.com
2
12
C
B
A
D
Figure 1. Pinout (Top View)
(Package − Flip Chip)
Die Pads Face Down on PCB
A2
B2
C2
D2
A1
D1
C1
B1
Table 1. PIN DESCRIPTION
Ball No.
Name
I/O
Description
A1
VBATT
I
Input to internal LDO
A2
CLK_OUT1
O
Clock output 1
B1
VLDO
O
1.8 V supply for NB3RL02 and external TCXO
B2
CLK_REQ1
I
Clock request from peripheral 1
C1
MCLK_IN
I
Master clock input
C2
CLK_REQ2
I
Clock request from peripheral 2
D1
GND
Ground
D2
CLK_OUT2
O
Clock output 2
Table 2. FUNCTION TABLE
Inputs
Outputs
CLK_REQ1
CLK_REQ2
MCLK_IN
CLK_OUT1
CLK_OUT2
VLDO
L
L
X
L
L
0 V
L
H
CLK
L
CLK
1.8 V
H
L
CLK
CLK
L
1.8 V
H
H
CLK
CLK
CLK
1.8 V


Similar Part No. - NB3RL02FCT2G

ManufacturerPart #DatasheetDescription
logo
Rohm
NB3002-VA10A ROHM-NB3002-VA10A Datasheet
208Kb / 6P
   High speed thermal printhead (300 dots / inch)
logo
National Semiconductor ...
NB311 NSC-NB311 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
NB312 NSC-NB312 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
NB3121 NSC-NB3121 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
NB313 NSC-NB313 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
More results

Similar Description - NB3RL02FCT2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC3RL02 TI-CDC3RL02 Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02 TI1-CDC3RL02_16 Datasheet
820Kb / 20P
[Old version datasheet]   Low Phase-Noise Two-Channel Clock Fan-Out Buffer
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
Hittite Microwave Corpo...
HMC987LP5E HITTITE-HMC987LP5E_12 Datasheet
1Mb / 24P
   LOW NOISE 1:9 FANOUT BUFFER
logo
Integrated Device Techn...
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
   High-performance fanout buffer clock and fanout buffer
logo
Texas Instruments
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
logo
Analog Devices
ADCLK948 AD-ADCLK948_16 Datasheet
387Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK948 AD-ADCLK948 Datasheet
716Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com