Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1838M Datasheet(PDF) 3 Page - ON Semiconductor

Part # LB1838M
Description  Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1838M Datasheet(HTML) 3 Page - ON Semiconductor

  LB1838M Datasheet HTML 1Page - ON Semiconductor LB1838M Datasheet HTML 2Page - ON Semiconductor LB1838M Datasheet HTML 3Page - ON Semiconductor LB1838M Datasheet HTML 4Page - ON Semiconductor LB1838M Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB1838M
No.3949-3/5
Vcont
IN
OUT
OUT
M
ID
VZ
VCC
VS
ID =
VZ
r
( = Constant)
Block Diagram
VCC
OUT3
VS1
OUT4
GND
Vcont
GND
ENA2
VS2
IN2
60k
Ω
80k
Ω
60k
Ω
80k
Ω
OUT1
OUT2
ENA1
IN1
60k
Ω
80k
Ω
60k
Ω
80k
Ω
Stepping
Motor
10
μF
Thermal
shutdown
Note: As long as the voltages applied to VCC, VS1, VS2, ENA1, ENA2, IN1, and IN2 are within the limits set by the
absolute maximum ratings, there are no restrictions on the relationship of each voltage level in comparison with the
others (regarding which is higher or lower). (ex. VCC = 3V, VS1, 2 = 2V, ENA = IN = 5V)
Truth Table
IN1,2
ENA1,2
OUT1,3
OUT2,4
Mode
L
H
H
L
Forward
H
H
L
H
Reverse
L
L
OFF
OFF
Standby
H
L
OFF
OFF
Standby
Vcont pin
As shown in the left diagram, the Vcont pin outputs the voltage
of the band gap Zener VZ +VF (= 1.93V).
In normal use, this pin is left open.
The drive current ID is varied by the Vcont voltage. However,
because the band gap Zener is shared, it functions as a bridge.


Similar Part No. - LB1838M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M Datasheet
67Kb / 4P
   Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
LB1838M SANYO-LB1838M Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results

Similar Description - LB1838M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1645N SANYO-LB1645N Datasheet
76Kb / 3P
   Bidirectional Motor Driver?
LB1641 SANYO-LB1641_12 Datasheet
79Kb / 5P
   Bidirectional Motor Driver
logo
ON Semiconductor
ENA2016 ONSEMI-ENA2016 Datasheet
114Kb / 4P
   Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
   Bidirectional Motor Driver
LB1638 SANYO-LB1638_12 Datasheet
60Kb / 4P
   Bidirectional Motor Driver
logo
Fujitsu Component Limit...
MB3763 FUJITSU-MB3763 Datasheet
89Kb / 11P
   Bidirectional Motor Driver
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641 Datasheet
75Kb / 4P
   Bidirectional Motor Driver
logo
Fujitsu Component Limit...
MB3763H FUJITSU-MB3763H Datasheet
76Kb / 11P
   Bidirectional Motor Driver
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641_08 Datasheet
85Kb / 5P
   Bidirectional Motor Driver
logo
ON Semiconductor
LB1830MC ONSEMI-LB1830MC Datasheet
67Kb / 4P
   Bidirectional Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com