Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM0207 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMM0207
Description  Thin Film MELF Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0207 Datasheet(HTML) 3 Page - Vishay Siliconix

  SMM0207_15 Datasheet HTML 1Page - Vishay Siliconix SMM0207_15 Datasheet HTML 2Page - Vishay Siliconix SMM0207_15 Datasheet HTML 3Page - Vishay Siliconix SMM0207_15 Datasheet HTML 4Page - Vishay Siliconix SMM0207_15 Datasheet HTML 5Page - Vishay Siliconix SMM0207_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 20005
38
Revision: 28-Jun-11
SMM0207
Vishay Draloric
Thin Film MELF Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION.
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: SMM02070C5620FBS00
Part Number: OMM02070000000BS00
MODEL
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
SMM0207
OMM0207
0 = Neutral
C = ± 50 ppm/K
B = ± 100 ppm/K
0 = Jumper
3 digit value
1 digit multiplier
0000 = Jumper
MULTIPLIER
7 = *10-3
2 = *102
8 = *10-2
3 = *103
9 = *10-1
4 = *104
0 = *100
5 = *105
1 = *101
D = ± 0.5 %
F = ± 1 %
J = ± 5 %
0 = Jumper
BP
BS
Product Description: SMM0207 50 562R 1 % BS
Product Description: OMM0207 0R0 BS
SMM0207
50
562R
1 %
BS
OMM0207
-
0R0
-
BS
MODEL
TCR
RESISTANCE
TOLERANCE
PACKAGING
SMM0207
OMM0207
± 50 ppm/K
± 100 ppm/K
100R = 100
2M21 = 2.21 M
0R0 = Jumper
± 0.5 %
± 1 %
± 5 %
BP
BS
PACKAGING
TYPE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
SMM0207
OMM0207
BP
1500
Blister tape
acc. IEC 60286-3
Type II
12 mm
4 mm
180 mm/7"
BS
7500
330 mm/13"
02
M
M
S0
7
0
C
5
6
2
0
F
B
S
0
0
02
M
M
O0
7
0
0
0
0
0
0
0
B
S
0
0


Similar Part No. - SMM0207_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
More results

Similar Description - SMM0207_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
logo
Vishay Siliconix
SMM0102 VISHAY-SMM0102_11 Datasheet
180Kb / 5P
   Thin Film Micro-MELF Resistors
Revision: 16-Aug-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
MMA02040C4993FB300 VISHAY-MMA02040C4993FB300 Datasheet
197Kb / 13P
   Professional Thin Film MELF Resistors
Revision: 15-May-13
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com