Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8952BE Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # MT8952BE
Description  ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8952BE Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button MT8952BE Datasheet HTML 14Page - Mitel Networks Corporation MT8952BE Datasheet HTML 15Page - Mitel Networks Corporation MT8952BE Datasheet HTML 16Page - Mitel Networks Corporation MT8952BE Datasheet HTML 17Page - Mitel Networks Corporation MT8952BE Datasheet HTML 18Page - Mitel Networks Corporation MT8952BE Datasheet HTML 19Page - Mitel Networks Corporation MT8952BE Datasheet HTML 20Page - Mitel Networks Corporation MT8952BE Datasheet HTML 21Page - Mitel Networks Corporation MT8952BE Datasheet HTML 22Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MT8952B ISO-CMOS
3-78
† Timing is over recommended temperature & power supply voltages (VDD=5V±5%, VSS=0V, TA=–40 to 85°C).
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 17 - Timing Information for MPU Write
AC Electrical Characteristics- Microprocessor Interface - (Figures 17 and 18)
Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Delay between CS and E clock
tCSE
0ns
2
Cycle time
tCYC
205
ns
3
E Clock pulse width HIGH
tEWH
145
ns
4
E Clock pulse width LOW
tEWL
60
ns
5
Read/Write setup time
tRWS
20
ns
6
Read/Write hold time
tRWH
10
ns
7
Address setup time
tAS
20
ns
8
Address hold time
tAH
60
ns
9
Data setup time (write)
tDSW
35
ns
10
Data hold time (write)
tDHW
10
ns
11
E clock to valid data delay
tDZL
tDZH
145
ns
Test load circuit 1 (Fig. 26)
CL=200pF
12
Data hold time (read)
tDLZ
tDHZ
10
60
ns
Test load circuit 3 (Fig. 26)
CS
E
CS
E
R/W
A0-A3
D0-D7
NOTE: The write cycle can be initiated either by the falling edge of CS or the rising edge of E clock whichever occurs last. Similarly
the cycle can be terminated by CS (rising edge) or E clock (falling edge) whichever occurs first. The timing relations are to be
referenced from the active edge initiating or terminating the cycle
tCSE
tEWH
tEWL
tr
tf
tCYC
tCSE
tRWS
tRWH
tAS
tAH
tDSW
tDHW
E clock initiates and
terminates the write cycle
CS initiates and
terminates the write cycle


Similar Part No. - MT8952BE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8952BE MITEL-MT8952BE Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
More results

Similar Description - MT8952BE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8950 MITEL-MT8950 Datasheet
223Kb / 16P
   ISO-CMOS ST-BUS??FAMILY Data Codec
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT9092 MITEL-MT9092 Datasheet
482Kb / 42P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com