Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8952BC Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # MT8952BC
Description  ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8952BC Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button MT8952BC Datasheet HTML 8Page - Mitel Networks Corporation MT8952BC Datasheet HTML 9Page - Mitel Networks Corporation MT8952BC Datasheet HTML 10Page - Mitel Networks Corporation MT8952BC Datasheet HTML 11Page - Mitel Networks Corporation MT8952BC Datasheet HTML 12Page - Mitel Networks Corporation MT8952BC Datasheet HTML 13Page - Mitel Networks Corporation MT8952BC Datasheet HTML 14Page - Mitel Networks Corporation MT8952BC Datasheet HTML 15Page - Mitel Networks Corporation MT8952BC Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MT8952B ISO-CMOS
3-72
microprocessor should wait for a 4/19 FULL interrupt
before writing to the Tx FIFO again.
When a 4/19
FULL interrupt has been received, a maximum of 15
bytes should be written to the Tx FIFO, then transfer
of information to the Tx FIFO should stop and the 4/
19 FULL interrupt should be waited for once more.
The FIFO may be allowed to empty if no more
information is to be sent at the moment.
This
procedure should keep software independent of the
frequency of the CKi signal.
Transmit Underrun:
A transmit underrun occurs when the last byte
loaded into the transmit FIFO was not ‘flagged’ with
the ‘end of packet’ (EOP) bit and there are no more
bytes in the FIFO. In such a situation, the Protocol
Controller transmits the abort sequence (eight
ONEs) and moves to the selected link channel state.
Abort Transmission:
If it is desired to abort the packet currently being
loaded into the transmit FIFO, the next byte written to
the FIFO should be ‘flagged’ to cause this to happen.
The FA bit of the Control Register must be set HIGH,
before writing the next byte into the FIFO. This bit is
cleared automatically once the byte is written to the
FIFO. When the ‘flagged’ byte reaches the bottom of
the FIFO, a frame abort sequence is sent instead of
the byte and the transmitter operation returns to
normal.
Go Ahead Transmission:
By setting the IFTF bits in the Control Register
appropriately the transmitter can be made to send
the Go Ahead sequences
when the Protocol
Controller is not sending the packets. Since the go
ahead is defined as 011111110, contiguous 7FHex’s
appear as go aheads. As long as the IFTF bits are
set to choose go aheads, the transmitter will send
them even if data is subsequently loaded into the
FIFO.
Only when the IFTF bits are set to select
something other than go aheads, will the data be
transmitted.
C-Channel Transmission:
By setting the C1EN bit in the Timing Control
Register HIGH, the information loaded in the C-
Channel Control Register can be transmitted over
channel-1 timeslot of the outgoing ST-BUS (CDSTo).
This is available only during the Internal Timing
Mode of the Protocol Controller.
Transparent Data Transfer:
The IFTF bits in the Control Register can be set to
provide transparent data transfer disabling the
protocol functions.
The transmitter no longer
generates the Flag, GA, Abort and Idle sequences
nor does it insert the zeros and calculate the FCS .
It operates in both timing modes in bytewide manner
and transmits data serially on CDSTo. If the Protocol
Controller is in the Internal Timing Mode and the
Timing Control bits are set to select 2, 6 or 7 bits/
frame, the corresponding least significant bits of
every byte loaded into the transmit FIFO are only
transmitted. The transparent data transfer facility is
not available when the Timing Control bits are set for
1 bit/frame. In case the FIFO is empty, the last byte
or the portion of the last byte, written to the FIFO is
transmitted repeatedly.
Note that the transparent
data
transfer
can
be
disabled
immediately
in
software (unlike during the transmission of packets)
using TxEN bit in the Control Register.
The operation of the transmitter is similar in the
External Timing Mode.
Receive Operation
After a reset on power up, the receive section is
disabled. Timing set up considerations are similar to
that of the transmit section.
Address detection is
also disabled when a reset occurs. If address
detection is required, the Receiver Address Register
is loaded with the desired address and the RxAD bit
in the Control Register is set HIGH. The receive
section can then be enabled by RxEN bit in the
Control Register.
Normal Packets:
After initialization as explained above, the serial data
starts to be clocked in and the receiver checks for
the idle channel and flags. If an idle channel is
detected, the ‘Idle’ bit in the General Status Register
is set HIGH. Once a flag is detected, the receiver
synchronizes itself in a bytewide manner to the
incoming
data
stream.
The
receiver
keeps
resynchronizing to the flags until an incoming packet
appears. The incoming packet is examined on a bit-
by-bit basis, inserted zeros are deleted, the FCS is
calculated and the data bytes are written into the
receive FIFO. However, the FCS and other control
characters like the flag, abort etc., never appear in
the FIFO. If the address detection is enabled, the
first byte following the flag is compared to the byte in
the
Receive
Address
Register
and
to
All-Call
address. If a match is not found, the entire packet is
ignored and nothing is written to the FIFO. If the
incoming address byte is valid, the packet is received
in normal fashion. All the bytes written to the receive


Similar Part No. - MT8952BC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952BE MITEL-MT8952BE Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952BP MITEL-MT8952BP Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952BS MITEL-MT8952BS Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
More results

Similar Description - MT8952BC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8950 MITEL-MT8950 Datasheet
223Kb / 16P
   ISO-CMOS ST-BUS??FAMILY Data Codec
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT9092 MITEL-MT9092 Datasheet
482Kb / 42P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com