Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8952B Datasheet(PDF) 20 Page - Mitel Networks Corporation

Part # MT8952B
Description  ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8952B Datasheet(HTML) 20 Page - Mitel Networks Corporation

Back Button MT8952B Datasheet HTML 14Page - Mitel Networks Corporation MT8952B Datasheet HTML 15Page - Mitel Networks Corporation MT8952B Datasheet HTML 16Page - Mitel Networks Corporation MT8952B Datasheet HTML 17Page - Mitel Networks Corporation MT8952B Datasheet HTML 18Page - Mitel Networks Corporation MT8952B Datasheet HTML 19Page - Mitel Networks Corporation MT8952B Datasheet HTML 20Page - Mitel Networks Corporation MT8952B Datasheet HTML 21Page - Mitel Networks Corporation MT8952B Datasheet HTML 22Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
MT8952B ISO-CMOS
3-80
† Timing is over recommended temperature & power supply voltages (VDD=5V±5%, VSS=0V, TA=–40 to 85°C).
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 21 - RESET Timing
Figure 22 - Serial Port Input and REOP, Output and TEOP
Note: The frequency of the clock input CKi is assumed to be at the output bit rate. However, it can be at twice the bit rate in the Internal
Timing Mode.
AC Electrical Characteristics- Serial Port, RESET, WD Timer and IRQ Release Time
(Figures 19, 20, 21 and 22). Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Interrupt request release time
tIRQR
120
ns
Test load circuit 2 (Fig.26)
2
WD output delay HIGH to LOW
tWDHL
135
ns
Test load circuit 1 (Fig.26)
3
WD output delay LOW to HIGH
tWDLH
135
ns
Test load circuit 1 (Fig.26)
4
TEOP/REOP output delay
tEOPD
110
ns
Test load circuit 1 (Fig.26)
5
TEOP/REOP output hold time
tEOPH
110
ns
Test load circuit 1 (Fig.26)
6
CDSTo delay from CKi
tSTOD
125
ns
Test load circuit 1 (Fig.26)
7
CDSTi setup time
tSTiS
20
ns
8
CDSTi hold time
tSTiH
65
ns
9
RESET pulse width
tRST
100
ns
RST
tRST
CKi
CDSTo
TEOP
CDSTi
REOP
End Flag or Abort Sequence
Flag or Idle Sequence
tSTOD
tEOPD
tEOPH
tSTiS
tSTiH
tEOPD
tEOPH


Similar Part No. - MT8952B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952BE MITEL-MT8952BE Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952BP MITEL-MT8952BP Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952BS MITEL-MT8952BS Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
More results

Similar Description - MT8952B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8950 MITEL-MT8950 Datasheet
223Kb / 16P
   ISO-CMOS ST-BUS??FAMILY Data Codec
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT9092 MITEL-MT9092 Datasheet
482Kb / 42P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com