Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDT3354-01 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # CDT3354-01
Description  鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3354-01 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  CDT3354-01 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3354-01 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3354-01 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3354-01 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3354-01 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3354-01 Datasheet HTML 6Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CDT3354 ----
2
CDT3354-01
P. 2
多段循環式倒時定時器 IC
I IC 打線腳座配置
I 16 PIN DIP 包裝
PIN 腳功能描述 :
腳位
X
Y
1
VDD
117
369
電源正極。
2
OPT
117
120
LED 固定或時段遞減選擇腳。
3
BZ1
383
120
4
BZ2
750
120
Buzzer 輸出。
TEST3
1081
120
IC 內部測試 pin。
5
OSCI
1360
120
6
OSCO
1650
120
外接振盪電阻,Rosc=510K 。
7
ZC
1693
821
AC 50/60Hz 輸入端。
8
OFFKEY
1693
1185
強制動作 OFF key。
9
KEYIN
1693
1475
換段 key。
10
VSS
1693
1739
電源負極。
11
TRIAC
1327
1739
計時 TRIAC 控制輸出。
12
L5
1085
1739
連續時段指示。
13
L4
721
1739
T4 時段指示。
14
L3
486
1739
T3 時段指示。
15
L2
122
1739
T2 時段指示。
16
L1
122
1221
T1 時段指示。
TEST1
122
999
TEST2
122
745
IC 內部測試 pin。
CDT-3354-01
功 能
T1
T2
T3
T4
連續
OFF
LED
L1
L2
L3
L4
L5
時 間
6 小時
8 小時
10 小時
12 小時
連續
OFF
VDD
OPT
L2
BZ1
L3
BZ2
L4
OSCI
L5
OSCO
TRIAC
ZC
VSS
OFFKEY
KEYIN
16
2
15
3
14
4
13
5
12
6
11
7
10
1
9
8
CDT3354-01
L1
OSCI
L1
OSCO
TRIAC
ZC
VSS
KEYIN
1
8
2
7
3
6
5
4
VDD
8 PIN DIP 包裝
CDT3354-01
L5
L4
L3
L2
L1
TEST1
VDD
OPT
BZ2 TEST3
TRIAC
OFFKEY
ZC
OSCI
14
15
16
1
2
11
4
10
6
7
8
KEYIN 9
BZ1
3
TEST2
5
VSS
OSCO
1890 x 1940μM
IC 底座接 VDD
12
13
01A
06B
※ Pin1 = VDD+OPT


Similar Part No. - CDT3354-01

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3354-02 BOWIN-CDT3354-02 Datasheet
164Kb / 6P
   鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
More results

Similar Description - CDT3354-01

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3354 BOWIN-CDT3354 Datasheet
161Kb / 8P
   鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
CDT3354-02 BOWIN-CDT3354-02 Datasheet
164Kb / 6P
   鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
CDT3400 BOWIN-CDT3400 Datasheet
168Kb / 8P
   3 LED 鸚싨?凉뤺섯?뷸렒?턎C
logo
Productwell Precision E...
WXD3540 PRODUCTWELL-WXD3540_14 Datasheet
225Kb / 2P
   鸚싨Ь凉뤷쓦?⑴뵪
WXD3590 PRODUCTWELL-WXD3590_14 Datasheet
162Kb / 2P
   鸚싨Ь凉뤷쓦?⑴뵪
logo
Seaward Electronics Inc...
SE9051 SEAWARD-SE9051 Datasheet
282Kb / 7P
   SE9051??툜?ⓧ맏鸚㎩??뤻봻獵삣춴?득콬?뽬?
logo
BOWIN ELECTRONIC CO.
CDT3339 BOWIN-CDT3339 Datasheet
173Kb / 7P
   ??쮮凉뤷뙑8 餘듣섯?뷸렒?턎C
CDT3155 BOWIN-CDT3155 Datasheet
136Kb / 5P
   ??쮮凉뤷뙑LED 雍멨눣?㎩댍IC
CDT3299 BOWIN-CDT3299 Datasheet
99Kb / 3P
   ??쮮凉뤷뙑8 餘듣섯?뷸렒?턎C
CDT3331-01 BOWIN-CDT3331-01 Datasheet
76Kb / 1P
   雅붷?LED ??쮮凉뤷뙑雍멨눣?㎩댍IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com