Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDT3354 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # CDT3354
Description  鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3354 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  CDT3354 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3354 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3354 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3354 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3354 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3354 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3354 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. CDT3354 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CDT3354 ----
4
CDT3354
P. 4
多段循環式倒時定時器 IC
應用線路(1)
說 明 :
快速測試時 – 由 ZC PIN 加入一 60KHz 之高頻, 如此 IC 以
1000 倍快速計時, 可縮短測試
4.7V
VDD
OPT
BZ1
BZ2
OSCI
OSCO
ZC
OFFKEY
KEYIN
VSS
TRIAC
L5
L4
L3
L2
L1
AC110V
Fuse
47Ω/2W
180K
0.47μF/250V
1N4004
1N4004
220μF
104
LOADING
TRIAC
470Ω
1M
BZ
OPT
KEY1
KEY2
560K


Similar Part No. - CDT3354

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3354-01 BOWIN-CDT3354-01 Datasheet
163Kb / 6P
   鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
CDT3354-02 BOWIN-CDT3354-02 Datasheet
164Kb / 6P
   鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
More results

Similar Description - CDT3354

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3354-02 BOWIN-CDT3354-02 Datasheet
164Kb / 6P
   鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
CDT3354-01 BOWIN-CDT3354-01 Datasheet
163Kb / 6P
   鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
CDT3400 BOWIN-CDT3400 Datasheet
168Kb / 8P
   3 LED 鸚싨?凉뤺섯?뷸렒?턎C
logo
Productwell Precision E...
WXD3540 PRODUCTWELL-WXD3540_14 Datasheet
225Kb / 2P
   鸚싨Ь凉뤷쓦?⑴뵪
WXD3590 PRODUCTWELL-WXD3590_14 Datasheet
162Kb / 2P
   鸚싨Ь凉뤷쓦?⑴뵪
logo
Seaward Electronics Inc...
SE9051 SEAWARD-SE9051 Datasheet
282Kb / 7P
   SE9051??툜?ⓧ맏鸚㎩??뤻봻獵삣춴?득콬?뽬?
logo
BOWIN ELECTRONIC CO.
CDT3339 BOWIN-CDT3339 Datasheet
173Kb / 7P
   ??쮮凉뤷뙑8 餘듣섯?뷸렒?턎C
CDT3155 BOWIN-CDT3155 Datasheet
136Kb / 5P
   ??쮮凉뤷뙑LED 雍멨눣?㎩댍IC
CDT3299 BOWIN-CDT3299 Datasheet
99Kb / 3P
   ??쮮凉뤷뙑8 餘듣섯?뷸렒?턎C
CDT3331-01 BOWIN-CDT3331-01 Datasheet
76Kb / 1P
   雅붷?LED ??쮮凉뤷뙑雍멨눣?㎩댍IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com