Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8931C Datasheet(PDF) 37 Page - Mitel Networks Corporation

Part # MT8931C
Description  CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8931C Datasheet(HTML) 37 Page - Mitel Networks Corporation

Back Button MT8931C Datasheet HTML 32Page - Mitel Networks Corporation MT8931C Datasheet HTML 33Page - Mitel Networks Corporation MT8931C Datasheet HTML 34Page - Mitel Networks Corporation MT8931C Datasheet HTML 35Page - Mitel Networks Corporation MT8931C Datasheet HTML 36Page - Mitel Networks Corporation MT8931C Datasheet HTML 37Page - Mitel Networks Corporation MT8931C Datasheet HTML 38Page - Mitel Networks Corporation MT8931C Datasheet HTML 39Page - Mitel Networks Corporation MT8931C Datasheet HTML 40Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Package Outlines
Plastic J-Lead Chip Carrier - P-Suffix
F
D1
D
H
E1
I
A1
A
G
D2
E
E2
Dim
20-Pin
28-Pin
44-Pin
68-Pin
84-Pin
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
A
0.165
(4.20)
0.180
(4.57)
0.165
(4.20)
0.180
(4.57)
0.165
(4.20)
0.180
(4.57)
0.165
(4.20)
0.200
(5.08)
0.165
(4.20)
0.200
(5.08)
A1
0.090
(2.29)
0.120
(3.04)
0.090
(2.29)
0.120
(3.04)
0.090
(2.29)
0.120
(3.04)
0.090
(2.29)
0.130
(3.30)
0.090
(2.29)
0.130
(3.30)
D/E
0.385
(9.78)
0.395
(10.03)
0.485
(12.32)
0.495
(12.57)
0.685
(17.40)
0.695
(17.65)
0.985
(25.02)
0.995
(25.27)
1.185
(30.10)
1.195
(30.35)
D1/E1
0.350
(8.890)
0.356
(9.042)
0.450
(11.430)
0.456
(11.582)
0.650
(16.510)
0.656
(16.662)
0.950
(24.130)
0.958
(24.333)
1.150
(29.210)
1.158
(29.413)
D2/E2
0.290
(7.37)
0.330
(8.38)
0.390
(9.91)
0.430
(10.92)
0.590
(14.99)
0.630
(16.00)
0.890
(22.61)
0.930
(23.62)
1.090
(27.69)
1.130
(28.70)
e
0
0.004
0
0.004
0
0.004
0
0.004
0
0.004
F
0.026
(0.661)
0.032
(0.812)
0.026
(0.661)
0.032
(0.812)
0.026
(0.661)
0.032
(0.812)
0.026
(0.661)
0.032
(0.812)
0.026
(0.661)
0.032
(0.812)
G
0.013
(0.331)
0.021
(0.533)
0.013
(0.331)
0.021
(0.533)
0.013
(0.331)
0.021
(0.533)
0.013
(0.331)
0.021
(0.533)
0.013
(0.331)
0.021
(0.533)
H
0.050 BSC
(1.27 BSC)
0.050 BSC
(1.27 BSC)
0.050 BSC
(1.27 BSC)
0.050 BSC
(1.27 BSC)
0.050 BSC
(1.27 BSC)
I
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
Notes:
1) Not to scale
2) Dimensions in inches
3) (Dimensions in millimeters)
4) For D & E add for allowable Mold Protrusion 0.010"
e: (lead coplanarity)
General-10


Similar Part No. - MT8931C

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8931C ZARLINK-MT8931C Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
MT8931CE ZARLINK-MT8931CE Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
MT8931CP ZARLINK-MT8931CP Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
More results

Similar Description - MT8931C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8930C MITEL-MT8930C Datasheet
683Kb / 36P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MH88612C MITEL-MH88612C Datasheet
66Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612K MITEL-MH88612K Datasheet
72Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH89760B MITEL-MH89760B Datasheet
846Kb / 38P
   ST-BUS??FAMILY T1/ESF Framer & Interface Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com