Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TY-141P Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. TY-141P
Description  Audio Transformer PC mount
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

TY-141P Datasheet(HTML) 1 Page - TRIAD MAGNETICS

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Audio Tr a n s f o r m e r
P C M o u n t
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
MAX
.700
1
2
3
4
5
6
Z = 10 K TO 10 K
1 2 3
DOT ABOVE #1 PIN
ON BOBBIN FLANGE
.740
MAX
.187 REF
.812
1
.060 DIA HOLES
2
3
4
5
6
.420
.187
.187
TY - 14 1 P
Description:
These transformers operate in the 200 Hz to 15,000 Hz range, making them
suitable for a broad application spectrum in the audio industry.
These devices
are used in line matching, telephone coupling, pulse trigger, driver, interstage,
output, isolation and input applications.
Operating Temperature Range:
0º C to 105º C
Electrical Specifications at 25º C:
1.
Primary Impedance:
10000
CT
2.
Secondary Impedance:
10000
CT
3.
Output:
100mW
4.
Primary DC Unbalance:
4 mA
5.
Frequency Response:
+ 2dB from 200 to 15,000 Hz
6.
Impedance Matching:
10% over full frequency range
7.
Longitudinal Balance
> 45dB
8.
Insertion Loss @ 1K Hz:
< 1.5dB
9.
Return Loss:
> 26dB
10. Total Harmonic Distortion
< 0.5% between 275Hz and3.5KHz
11. DCR:
Primary (1-3)
820
Ω
Secondary (4-6)
1070
Ω Nominal
12. Turns Ratio:
1 : 1
13. Dielectric Strength
1500V Pri to Sec to Core
Construction:
Bobbin has plug-in terminals which are spaced to provide fixed mounting centers.
Pins are rugged, minimizing the incidence of bent pins from handling.
Outline Dimensions:
A. Dimensions: As figures show
B. PIN DIM. :
.042
” x .020”
C. Weight. : 0.51
oz.
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2011/65/EU, known as the RoHS initiative.
*Upon printing, this document is considered “uncontrolled”.Please contact
Triad
Magnetics’ website for the most current version.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn