Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8870 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8870
Description  ISO2-CMOS Integrated DTMF Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8870 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8870 Datasheet HTML 1Page - Mitel Networks Corporation MT8870 Datasheet HTML 2Page - Mitel Networks Corporation MT8870 Datasheet HTML 3Page - Mitel Networks Corporation MT8870 Datasheet HTML 4Page - Mitel Networks Corporation MT8870 Datasheet HTML 5Page - Mitel Networks Corporation MT8870 Datasheet HTML 6Page - Mitel Networks Corporation MT8870 Datasheet HTML 7Page - Mitel Networks Corporation MT8870 Datasheet HTML 8Page - Mitel Networks Corporation MT8870 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ISO2-CMOS
MT8870D/MT8870D-1
4-15
Power-down and Inhibit Mode
A logic high applied to pin 6 (PWDN) will power down
the device to minimize the power consumption in a
standby mode. It stops the oscillator and the
functions of the filters.
Inhibit mode is enabled by a logic high input to the
pin 5 (INH). It inhibits the detection of tones
representing characters A, B, C, and D. The output
code will remain the same as the previous detected
code (see Table 1).
Differential Input Configuration
The input arrangement of the MT8870D/MT8870D-1
provides a differential-input operational amplifier as
well as a bias source (VRef) which is used to bias the
inputs at mid-rail. Provision is made for connection of
a feedback resistor to the op-amp output (GS) for
adjustment of gain. In a single-ended configuration,
the input pins are connected as shown in Figure 10
with the op-amp connected for unity gain and VRef
biasing the input at 1/2VDD. Figure 6 shows the
differential
configuration,
which
permits
the
adjustment of gain with the feedback resistor R5.
Crystal Oscillator
The internal clock circuit is completed with the
addition of an external 3.579545 MHz crystal and is
normally connected as shown in Figure 10 (Single-
Ended Input Configuration). However, it is possible
to configure several MT8870D/MT8870D-1 devices
employing only a single oscillator crystal. The
oscillator output of the first device in the chain is
coupled through a 30 pF capacitor to the oscillator
input (OSC1) of the next device. Subsequent devices
are connected in a similar fashion. Refer to Figure 7
for
details.
The
problems
associated
with
unbalanced loading are not a concern with the
arrangement
shown,
i.e.,
precision
balancing
capacitors are not required.
Figure 6 - Differential Input Configuration
Figure 7 - Oscillator Connection
Table 2. Recommended Resonator Specifications
Note: Qm=quality factor of RLC model, i.e., 1/2
ΠƒR1C1.
Parameter
Unit
Resonator
R1
Ohms
10.752
L1
mH
.432
C1
pF
4.984
C0
pF
37.915
Qm
-
896.37
∆f
%
±0.2%
C1
R1
C2
R4
R3
IN+
IN-
+
-
R5
GS
R2
VRef
MT8870D/
MT8870D-1
Differential Input Amplifier
C1=C2=10 nF
R1=R4=R5=100 kΩ
R2=60kΩ, R3=37.5 kΩ
All resistors are
±1% tolerance.
All capacitors are
±5% tolerance.
R3=
R2R5
R2+R5
VOLTAGE GAIN (Av diff)=
R5
R1
INPUT IMPEDANCE
(ZINDIFF) = 2
R1
2+
1
ωc
2
OSC1
OSC2
OSC2
OSC1
C
X-tal
C
To OSC1 of next
MT8870D/MT8870D-1
C=30 pF
X-tal=3.579545 MHz


Similar Part No. - MT8870

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
MT8872P ETC1-MT8872P Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
More results

Similar Description - MT8870

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   ISO2-CMOS Integrated DTMFTransceiver
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
   CMOS INTEGRATED DTMF TRANCEIVER
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com