Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-42 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # SP-42
Description  High Reliability : Red Spec Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

SP-42 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  SP-42_13 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Audio Transformer MIL-T-27E
High Reliability : “Red Spec” Series
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013s
1
2
3
4
CT
50 MW
5
12 OHM
150 OHM
PRI Z
SEC Z
.200
.100
.750
MIN.
.020
.465
MAX.
.310
MAX.
.410
MAX.
12 3
TF5S21ZZ
4
.200
.300
PRI
C.T.
SEC
50 MW
150
SP-42
12
5
TAB, AT PIN #1
10 mADC
TRIAD
MAGNETICS
SP- 42
Description:
Triad’s high reliability audio transformers provide the durability and precision required
in today’s demanding designs. These transformers are available for a wide variety of
applications.
Electrical Specifications (@25C)
Power
level
(mW)
Matching Impedance
Max. Ma DC
Unbalance
in Primary
DC Resistance (Ω)
Overall
Turns
Ratio
Primary Secondary
Primary Secondary
50
150 CT
12
10.0
18.0
2.7
3.54:1.0
Frequency Response:
+ 2.0 DB, at 300 Hz to 100K Hz
Pri-Sec Hipot test (Pri-Sec): 1,000 VRMS for 1 sec.
Working voltage:
150VDC
Construction:
Plug-in terminals are precision spaced to provide fixed mounting centers.
Epoxy molded case includes a .020” recess for ease of solder inspection.
Leads are made of high strength Nickel alloy, gold plated and are
.020” in diameter.
RoHS Compliance: As of manufacturing date February 2005, all standard products
meet the requirements of 2011/65/EU, known as the RoHS initiative.
*Upon printing, this document is considered “uncontrolled”. Specifications are subjected to
change without notice. Please contact Triad Magnetics’ website for the most current version.


Similar Part No. - SP-42_13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
SP-42 TRIAD-SP-42 Datasheet
55Kb / 1P
   SP-42
logo
List of Unclassifed Man...
SP-42 ETC2-SP-42 Datasheet
112Kb / 1P
   AUDIO TRANDFORMERS
More results

Similar Description - SP-42_13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
SP-51 TRIAD-SP-51_13 Datasheet
162Kb / 1P
   High Reliability : Red Spec Series
SP-68 TRIAD-SP-68 Datasheet
162Kb / 1P
   High Reliability : Red Spec Series
SP-50 TRIAD-SP-50 Datasheet
162Kb / 1P
   High Reliability : Red Spec Series
SP-66 TRIAD-SP-66_13 Datasheet
157Kb / 1P
   High Reliability : Red Spec Series
SP-128 TRIAD-SP-128 Datasheet
155Kb / 1P
   High Reliability : Red Spec Series
SP-5 TRIAD-SP-5 Datasheet
159Kb / 1P
   High Reliability : Red Spec Series
SP-20 TRIAD-SP-20 Datasheet
161Kb / 1P
   High Reliability : Red Spec Series
SP-29 TRIAD-SP-29 Datasheet
159Kb / 1P
   High Reliability : Red Spec Series
SP-48 TRIAD-SP-48_13 Datasheet
162Kb / 1P
   High Reliability : Red Spec Series
SP-67 TRIAD-SP-67_13 Datasheet
161Kb / 1P
   High Reliability : Red Spec Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com