Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSFM2506L Datasheet(PDF) 5 Page - GOOD-ARK Electronics

Part # SSFM2506L
Description  25V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFM2506L Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  SSFM2506L Datasheet HTML 1Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 2Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 3Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 4Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 5Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 6Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SSFM2506L
25V N-Channel MOSFET
www.goodark.com
Page 5 of 7
Rev.1.0
Typical Electrical and Thermal Characteristics
Figure 13: Normalized Maximum Transient Thermal Impedance (⑤)
Figure 14: Normalized Maximum Transient Thermal Impedance (⑥)
0.01
0.1
1
10
0.00001 0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Duty cycle D=
0.5,0.3,0.1,0.05,0.01,single
TJ(max)=PDM*ZθJC*RθJC+TC
RθJC=2.5℃/W
t
t
p
D=t
p/t
0.001
0.01
0.1
1
10
0.00001 0.0001 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Duty cycle D=0.5,0.3,0.1, 0.05,0.01,single
TJ(max)=PDM*ZθJA*RθJA+TA
RθJA=36℃/W
t
t
p
D=t
p/t


Similar Part No. - SSFM2506L

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSFM2506 SILIKRON-SSFM2506 Datasheet
440Kb / 9P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSFM2506 GOOD-ARK-SSFM2506 Datasheet
678Kb / 7P
   25V N-Channel MOSFET
More results

Similar Description - SSFM2506L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
   25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
   25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
   25V N-Channel MOSFET
logo
Guangdong Youtai Semico...
NTD4860 UMW-NTD4860 Datasheet
482Kb / 7P
   25V N -Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM55N03 TSC-TSM55N03_07 Datasheet
363Kb / 6P
   25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_09 Datasheet
244Kb / 6P
   25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFM2508 GOOD-ARK-SSFM2508 Datasheet
577Kb / 7P
   25V N-Channel MOSFET
SSF3612E GOOD-ARK-SSF3612E_15 Datasheet
459Kb / 4P
   25V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM25N03 TSC-TSM25N03_08 Datasheet
132Kb / 6P
   25V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONS32100 AOSMD-AONS32100 Datasheet
330Kb / 6P
   25V N-Channel MOSFET
Rev.3.0: May 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com