Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT88E39 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT88E39
Description  CMOS Calling Number Identification Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT88E39 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT88E39 Datasheet HTML 1Page - Mitel Networks Corporation MT88E39 Datasheet HTML 2Page - Mitel Networks Corporation MT88E39 Datasheet HTML 3Page - Mitel Networks Corporation MT88E39 Datasheet HTML 4Page - Mitel Networks Corporation MT88E39 Datasheet HTML 5Page - Mitel Networks Corporation MT88E39 Datasheet HTML 6Page - Mitel Networks Corporation MT88E39 Datasheet HTML 7Page - Mitel Networks Corporation MT88E39 Datasheet HTML 8Page - Mitel Networks Corporation MT88E39 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
5-1
MT88E39
Calling Number Identification Circuit
(CNIC1.1)
Features
1200 baud Bell 202 and CCITT V.23 Frequency
Shift Keying (FSK) demodulation
Compatible with Bellcore GR-30-CORE,
SR-TSV-002476, TIA/EIA-716 and
ETSI 300 778-1
High input sensitivity
Dual mode 3-wire data interface (Serial FSK
data stream or MT88E43 compatible 1 byte
buffer)
Internal gain adjustable amplifier
Carrier detect status output
Uses 3.579545 MHz crystal or ceramic
resonator
3 to 5V
±10% supply voltage
Low power CMOS with power down mode
Direct pin to pin replacement of MT8841 and
MT88E41
Applications
Global (North America, Japan, Europe) FSK
based CID (Calling Identity Delivery) / CLIP
(Calling Line Identity Presentation)
Feature phones, adjunct boxes
FAX machines
Telephone answering machines
Computer Telephony Integration (CTI)
Battery powered applications
Description
The MT88E39 Calling Number Identification Circuit
(CNIC1.1) is a CMOS integrated circuit which
provides an interface to calling line information
delivery services that utilize 1200 baud Bell 202 or
CCITT V.23 FSK data transmission schemes. The
MT88E39 receives and demodulates the FSK signal
and outputs the data into a simple dual mode 3-wire
serial interface which eliminates the need for an
UART.
The MT88E39 is Bellcore, ETSI and NTT compatible
and can operate in 3V and 5V applications. It is a pin
to pin replacement of the MT8841 and MT88E41 by
operating in the MT88E41 FSK interface mode
(mode 0) when placed in a MT88E41 socket. New
designs may also choose the MT88E43 compatible
interface (mode 1) where the microcontroller reads
the FSK byte from a 1 byte buffer.
Ordering Information
MT88E39AS
16 Pin SOIC
-40 to +85
°C
Figure 1 - Functional Block Diagram
GS
IN-
IN+
CAP
VRef
DATA
DR
DCLK
CD
PWDN
OSC1
OSC2
VSS
VDD
MODE
IC
Receive
Bandpass
Filter
Bias
Generator
FSK
Demodulator
Data and Timing
Carrier
Detector
Clock
Generator
Recovery
to other
circuits
-
+
DS5035
ISSUE 3
November 1998
CMOS
Advance Information


Similar Part No. - MT88E39

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
MT88E39AS ZARLINK-MT88E39AS Datasheet
257Kb / 16P
   Calling Number Identification Circuit
MT88E39AS1 ZARLINK-MT88E39AS1 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
MT88E39ASR ZARLINK-MT88E39ASR Datasheet
257Kb / 16P
   Calling Number Identification Circuit
MT88E39ASR1 ZARLINK-MT88E39ASR1 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
More results

Similar Description - MT88E39

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8841 MITEL-MT8841 Datasheet
101Kb / 10P
   CMOS Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
logo
Mitel Networks Corporat...
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
   CMOS Calling Number Identification Circuit 2 Preliminary Information
logo
Zarlink Semiconductor I...
MT88E41 ZARLINK-MT88E41 Datasheet
888Kb / 16P
   CMOS Extended Voltage Calling Number Identification Circuit (ECNIC)
logo
Texas Instruments
MT88E46 TI-MT88E46_06 Datasheet
406Kb / 23P
[Old version datasheet]   Bellcore Compliant Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E46 ZARLINK-MT88E46 Datasheet
522Kb / 23P
   Bellcore Compliant Calling Number Identification Circuit
MT88E43B ZARLINK-MT88E43B Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
logo
List of Unclassifed Man...
SC88E43 ETC-SC88E43 Datasheet
389Kb / 25P
   EXTENDED VOLTAGE CALLING NUMBER IDENTIFICATION CIRCUIT 2
logo
Zarlink Semiconductor I...
MT88E45B ZARLINK-MT88E45B Datasheet
488Kb / 28P
   4-Wire Calling Number Identification Circuit 2
MT88E43 ZARLINK-MT88E43 Datasheet
317Kb / 26P
   Extended Voltage Calling Number Identification Circuit 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com