Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1511A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1511A
Description  P-Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1511A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1511A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE1511A
P-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE1511A is the P-Channel enhancement mode power field effect transistors are produced using
high cell density , DMOS trench technology. This high density process is especially tailored to minimize
on-state resistance and provide superior switching performance. These devices are particularly suited
for low voltage applications such as notebook computer power management and other battery powered
circuits where high-side switching, low in-line power loss, and resistance to transients are needed.
Features
P-Channel
-
20V/0.45A,RDS(ON)= 0.52Ω@VGS=-4.5V
-
20V/0.35A,RDS(ON)= 0.70Ω@VGS=-2.5V
-
20V/0.25A,RDS(ON)= 0.95Ω@VGS=-1.8V
Super high density cell design for extremely low R
DS(ON)
Exceptional on-resistance and maximum DC current capability
SOT-723 package design
Applications
Drivers : Relays/Solenoids/Lamps/Hammers
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
Absolute Maximum Ratings
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
-0.45
A
Pulsed Drain Current
IDM
-1.0
A
Continuous Source Current (Diode Conduction)
IS
-0.3
A
Power Dissipation
TA=25℃
PD
0.15
W
Operating Junction Temperature / Storage Temperature Range
TJ/TSTG
-55/150
OC


Similar Part No. - ACE1511A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1512E ACE-ACE1512E Datasheet
397Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.1
More results

Similar Description - ACE1511A

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com