Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5842 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5842
Description  High-Class Audio Multi-function Digital Filter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5842 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5842 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5842 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5842 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5842 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5842 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5842 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5842 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5842 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5842 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SM5842AP/APT
NIPPON PRECISION CIRCUITS—5
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
DC Electrical Characteristics
VDD = 4.75 to 5.25 V, VSS = 0 V, Ta = −20 to 80 °C
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range
VIN
−0.3 to V
DD + 0.3
V
Storage temperature range
Tstg
−40 to 125
°C
Power dissipation
PD
550
mW
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
4.75 to 5.25
V
Operating temperature range
Topr
SM5842AP
−20 to 80
°C
SM5842APT
−20 to 70
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
IDD
VDD = 5.0 V
1
1. fSYS = 256fs = 14.2 MHz (CKSLN = LOW), no output load
–60
80
mA
XTI HIGH-level input voltage
VIH1
0.7VDD
––
V
XTI LOW-level input voltage
VIL1
0.3VDD
V
HIGH-level input voltage2
2. Pins DI/INF2N, BCKI, CKSLN, INF1N, IW1N/DIL, IW2N/DIR, OW1N, OW2N, SYNCN, RSTN, DEMPR, DEMPL, FSEL1, FSEL2, MUTER, MUTEL,
DITHN, LRCI
VIH2
2.4
V
LOW-level input voltage2
VIL2
0.5
V
HIGH-level output voltage3
3. Pins CKO, DOL, DOR, BCKO, WCKO, DG
VOH1
IOH = −0.4 mA
2.5
V
LOW-level output voltage3
VOL1
IOL = 1.6 mA
0.4
V
XTO HIGH-level output voltage
VOH2
IOH = −1.0 mA
VDD − 0.5
V
XTO LOW-level output voltage
VOL2
IOL = 1.0 mA
0.4
V
XTI HIGH-level input current
ILH
VIN = VDD
–10
20
µA
XTI LOW-level input current
ILL1
VIN = 0 V
10
20
µA
LOW-level input current2
ILL2
VIN = 0 V
10
20
µA
Input leakage current2
IIH
VIN = VDD
1.0
µA


Similar Part No. - SM5842

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5840B NPC-SM5840B Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5840FP NPC-SM5840FP Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
More results

Similar Description - SM5842

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
   High-fidelity Digital Audio, Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com