Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC245A Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74LVC245A
Description  Low-Voltage CMOS Octal Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC245A Datasheet(HTML) 6 Page - ON Semiconductor

  74LVC245A Datasheet HTML 1Page - ON Semiconductor 74LVC245A Datasheet HTML 2Page - ON Semiconductor 74LVC245A Datasheet HTML 3Page - ON Semiconductor 74LVC245A Datasheet HTML 4Page - ON Semiconductor 74LVC245A Datasheet HTML 5Page - ON Semiconductor 74LVC245A Datasheet HTML 6Page - ON Semiconductor 74LVC245A Datasheet HTML 7Page - ON Semiconductor 74LVC245A Datasheet HTML 8Page - ON Semiconductor 74LVC245A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74LVC245A
www.onsemi.com
6
WAVEFORM 1 − PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VCC
0 V
VOH
VOL
An, Bn
tPHL
tPLH
WAVEFORM 2 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
0 V
OE, T/R
tPZH
tPHZ
tPZL
tPLZ
Vmo
Vmo
Vmi
Vmi
Vmo
Vmo
Figure 3. AC Waveforms
Vmi
VOH
VHZ
VOL
VCC
VLZ
Bn, An
An, Bn
An, Bn
Vmi
Symbol
VCC
1.2 V
1.8 V
+ 0.15 V
2.5 V
+ 0.2 V
2.7 V
3.3 V
+ 0.3 V
VI
VCC
VCC
VCC
2.7 V
2.7 V
Vmi
VCC/2
VCC/2
VCC/2
1.5 V
1.5 V
Vmo
VCC/2
VCC/2
VCC/2
1.5 V
1.5 V
VHZ
VOL + 0.15 V
VOL + 0.15 V
VOL + 0.15 V
VOL + 0.3 V
VOL + 0.3 V
VLZ
VOH − 0.15 V
VOH − 0.15 V
VOH − 0.15 V
VOH − 0.3 V
VOH − 0.3 V


Similar Part No. - 74LVC245A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
240Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
logo
NXP Semiconductors
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
   Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
303Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Diodes Incorporated
74LVC245A DIODES-74LVC245A Datasheet
466Kb / 10P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS
More results

Similar Description - 74LVC245A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX244 ONSEMI-MC74LCX244_16 Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com