Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC16245DTR Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ALVC16245DTR
Description  Low?뭋oltage 16?묪it Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVC16245DTR Datasheet(HTML) 1 Page - ON Semiconductor

  74ALVC16245DTR Datasheet HTML 1Page - ON Semiconductor 74ALVC16245DTR Datasheet HTML 2Page - ON Semiconductor 74ALVC16245DTR Datasheet HTML 3Page - ON Semiconductor 74ALVC16245DTR Datasheet HTML 4Page - ON Semiconductor 74ALVC16245DTR Datasheet HTML 5Page - ON Semiconductor 74ALVC16245DTR Datasheet HTML 6Page - ON Semiconductor 74ALVC16245DTR Datasheet HTML 7Page - ON Semiconductor 74ALVC16245DTR Datasheet HTML 8Page - ON Semiconductor 74ALVC16245DTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 1
1
Publication Order Number:
74ALVC16245/D
74ALVC16245
Low−Voltage 1.8/2.5/3.3V
16−Bit Transceiver
With 3.6 V−Tolerant Inputs and Outputs
(3−State, Non−Inverting)
The 74ALVC16245 is an advanced performance, non−inverting
16−bit transceiver. It is designed for very high−speed, very low−power
operation in 1.8 V, 2.5 V or 3.3 V systems.
The ALVC16245 is designed with byte control. It can be operated as
two separate octals, or with the controls tied together, as a 16−bit wide
function. The Transmit/Receive (T/Rn) inputs determine the direction
of data flow through the bi−directional transceiver. Transmit
(active−HIGH) enables data from A ports to B ports; Receive
(active−LOW) enables data from B to A ports. The Output Enable
inputs (OEn), when HIGH, disable both A and B ports by placing them
in a HIGH Z condition.
Designed for Low Voltage Operation: VCC = 1.65−3.6 V
3.6 V Tolerant Inputs and Outputs
High Speed Operation: 3.0 ns max for 3.0 to 3.6 V
3.7 ns max for 2.3 to 2.7 V
6.0 ns max for 1.65 to 1.95 V
Static Drive: $24 mA Drive at 3.0 V
$12 mA Drive at 2.3 V
$4 mA Drive at 1.65 V
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
Near Zero Static Supply Current in All Three Logic States (40 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds $250 mA @ 125°C
ESD Performance: Human Body Model >2000 V; Machine Model >200 V
Second Source to Industry Standard 74ALVC16245
†To ensure the outputs activate in the 3−state condition, the output enable pins
should be connected to VCC through a pull−up resistor. The value of the resistor is
determined by the current sinking capability of the output connected to the OE pin.
MARKING DIAGRAM
A
= Assembly
Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
TSSOP−48
DT SUFFIX
CASE 1201
1
48
74ALVC16245DT
AWLYYWW
1
48
Device
Package
Shipping
ORDERING INFORMATION
74ALVC16245DTR
TSSOP
2500/Tape & Reel
http://onsemi.com


Similar Part No. - 74ALVC16245DTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16245DGG PHILIPS-74ALVC16245DGG Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
logo
Nexperia B.V. All right...
74ALVC16245DGG NEXPERIA-74ALVC16245DGG Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC16245DL PHILIPS-74ALVC16245DL Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
More results

Similar Description - 74ALVC16245DTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com