Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3440 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N3440
Description  Low Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3440 Datasheet(HTML) 1 Page - ON Semiconductor

  2N3440 Datasheet HTML 1Page - ON Semiconductor 2N3440 Datasheet HTML 2Page - ON Semiconductor 2N3440 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2011
January, 2011 − Rev. P1
1
Publication Order Number:
2N3440/D
2N3440
Product Preview
Low Power Transistor
NPN Silicon
Features
MIL−PRF−19500/368Qualified
Available as JAN, JANTX, and JANTXV
Hermetically Sealed Commercial Product with Option for Military
Temperature Range Screening
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
250
Vdc
Collector−Base Voltage
VCBO
300
Vdc
Emitter−Base Voltage
VEBO
7.0
Vdc
Collector Current − Continuous
IC
1.0
Adc
Total Device Dissipation @ TA = 25°C
PT
800
mW
Total Device Dissipation @ TC = 25°C
PT
5.0
W
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to
+200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
175
°C/W
Thermal Resistance, Junction to Case
RqJC
30
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
http://onsemi.com
COLLECTOR
3
2
BASE
1
EMITTER
TO−39
CASE 205AB
STYLE 1
Device
Package
Shipping
ORDERING INFORMATION
2N3440
TO−39
Bulk


Similar Part No. - 2N3440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3440 STMICROELECTRONICS-2N3440 Datasheet
66Kb / 4P
   SILICON NPN TRANSISTORS
June 1997
logo
Comset Semiconductor
2N3440 COMSET-2N3440 Datasheet
86Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Seme LAB
2N3440 SEME-LAB-2N3440 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3440 NJSEMI-2N3440 Datasheet
102Kb / 2P
   High-Voltage Silicon N-P-N Transistors
logo
Boca Semiconductor Corp...
2N3440 BOCA-2N3440 Datasheet
262Kb / 6P
   HIGH VOLTAGE AMPLIFIERS
More results

Similar Description - 2N3440

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3019S ONSEMI-2N3019S Datasheet
91Kb / 3P
   Low Power Transistor
July, 2011 ??Rev. 0
2N3700 ONSEMI-2N3700 Datasheet
91Kb / 3P
   Low Power Transistor
July, 2011 ??Rev. 0
2N3019 ONSEMI-2N3019 Datasheet
91Kb / 3P
   Low Power Transistor
July, 2011 ??Rev. 0
2N3439 ONSEMI-2N3439 Datasheet
94Kb / 3P
   Low Power Transistor
February, 2011 ??Rev. P0
logo
STMicroelectronics
BCP53-16 STMICROELECTRONICS-BCP53-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
BCP52-16 STMICROELECTRONICS-BCP52-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
BCP56-16 STMICROELECTRONICS-BCP56-16 Datasheet
150Kb / 9P
   Low power NPN Transistor
logo
Central Semiconductor C...
CP709 CENTRAL-CP709_06 Datasheet
653Kb / 2P
   Power Transistor PNP - Low Saturation Transistor Chip
CP309 CENTRAL-CP309 Datasheet
215Kb / 2P
   Power Transistor NPN - Low Saturation Transistor Chip
CP309 CENTRAL-CP309_10 Datasheet
471Kb / 2P
   Power Transistor NPN - Low Saturation Transistor Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com