Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40PM010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 40PM010
Description  40 mm Planetary Gearhead
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

40PM010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  40PM010 Datasheet HTML 1Page - List of Unclassifed Manufacturers 40PM010 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
40PM010
Part No. 40PM010
1pc.
$690.00
25pc.
50pc.
100pc.
Request a Quote for 100+ piece pricing.
Pricing
Part Number:
40PM010
Frame Size:
40 mm
Ratio:
10:1
Torque, Nominal:
56 in-lb
Torque, Max Accel:
84 in-lb
Length:
2.74 inches
Weight:
1.0 lbs
Input Speed:
6500 rpm max
Backlash:
6
Service Life:
> 20,000 hours
Efficiency:
90%
Inertia:
1.315E-04 oz-in-sec
Quick Delivery:
Yes
Datasheet:
http://s3.amazonaws.com/applied-motion-pdf/40PM010.pdf
2D Drawing:
40PM010_RevA.pdf
40PM-1STG_3Dpdf.pdf
3D Drawing:
40PM-1STG.igs
Specifications
2
Downloads


Similar Part No. - 40PM010

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
40P-JMDSS-G-1-TF JST-40P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
logo
Guangdong Kexin Industr...
40P03 KEXIN-40P03 Datasheet
434Kb / 4P
   P-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
40P03 VBSEMI-40P03 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
40P03-20 VBSEMI-40P03-20 Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
40P03-20D VBSEMI-40P03-20D Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - 40PM010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75PM010 ETC2-75PM010 Datasheet
86Kb / 2P
   75 mm Planetary Gearhead
60PM010 ETC2-60PM010 Datasheet
86Kb / 2P
   60 mm Planetary Gearhead
1232001 ETC2-1232001 Datasheet
54Kb / 4P
   Planetary Gearhead - P32H
17PL005.5 ETC2-17PL005.5 Datasheet
83Kb / 2P
   NEMA 17 Planetary Gearhead
17PL022 ETC2-17PL022 Datasheet
83Kb / 2P
   NEMA 17 Planetary Gearhead
17PL040 ETC2-17PL040 Datasheet
83Kb / 2P
   NEMA 17 Planetary Gearhead
17PN022 ETC2-17PN022 Datasheet
85Kb / 2P
   NEMA 17 Planetary Gearhead
17VL007 ETC2-17VL007 Datasheet
83Kb / 2P
   NEMA 17 Planetary Gearhead
17VL050 ETC2-17VL050 Datasheet
83Kb / 2P
   NEMA 17 Planetary Gearhead
17VL100 ETC2-17VL100 Datasheet
83Kb / 2P
   NEMA 17 Planetary Gearhead
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com