Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5841HP Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5841HP
Description  Audio Multi-function Digital Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5841HP Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5841HP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5841HP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5841HP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5841HP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5841HP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5841HP Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5841HP Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5841HP Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5841HP Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SM5841H
NIPPON PRECISION CIRCUITS—10
Deemphasis filter
Passband response with deemphasis ON (fs = 44.1 kHz)
Passband response with deemphasis ON (fs = 32/48 kHz)
Parameter
Sampling frequency
32 kHz
44.1 kHz
48 kHz
Passband bandwidth (kHz)
0 to 14.5
0 to 20.0
0 to 21.7
Deviation from ideal characteristic1
Attenuation (dB)
−0.40 to +0.40
−0.05 to +0.15
−0.30 to +0.05
Phase,
θ (°)
−2 to 19
−1 to 15
−1 to 14
1. The maximum deviation from an ideal filter with 0 dB attenuation and 0
° phase characteristics for a 1 kHz input signal.
0
2
4
6
8
10
Frequency (Hz)
10
20
50
100
200
500
1k
2k
5k
10k
20k
0
2
4
6
8
10
Frequency (Hz)
10
20
50
100
200
500
1k
2k
5k
10k
20k
32kHz
48kHz


Similar Part No. - SM5841HP

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5841B NPC-SM5841B Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
More results

Similar Description - SM5841HP

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
   High-fidelity Digital Audio, Multi-function Digital Filter
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
   High-Class Audio Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com