Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDT3269 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # CDT3269
Description  ???LED 雍멨눣?㎩댍IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3269 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  CDT3269 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3269 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3269 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3269 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3269 Datasheet HTML 5Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDT-3269 ---
4
CDT3269
P. 4
六個 LED 輸出控制 IC
CDT3269-02─ 1 秒閃 1 圈(頻率固定)
CDT3269-02─ 1 秒閃 2 圈(頻率固定)
CDT3269-02─ 1 秒閃 3 圈(頻率固定)
CDT3269-02─ 加快速度
3VDC
16
8
L1
17
2
CDS
OSCO
9
10
VSS
ON/OFF
RD/SQ
CDT3269-02
1
OSCI
15
L2
14
L3
13
L4
12
L5
11
L6
3
F3
4
F2
5
F1
6
VDD
7
--
3VDC
16
8
L1
17
2
CDS
OSCO
9
10
VSS
ON/OFF
RD/SQ
CDT3269-02
1
OSCI
15
L2
14
L3
13
L4
12
L5
11
L6
3
F3
4
F2
5
F1
6
VDD
7
--
3VDC
16
8
L1
17
2
CDS
OSCO
9
10
VSS
ON/OFF
RD/SQ
CDT3269-02
1
OSCI
15
L2
14
L3
13
L4
12
L5
11
L6
3
F3
4
F2
5
F1
6
VDD
7
--
3VDC
16
8
L1
17
2
CDS
OSCO
9
10
VSS
ON/OFF
RD/SQ
CDT3269-02
1
OSCI
15
L2
14
L3
13
L4
12
L5
11
L6
3
F3
4
F2
5
F1
6
VDD
7
--
Rosc


Similar Part No. - CDT3269

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3261 BOWIN-CDT3261 Datasheet
122Kb / 4P
   訝됧?LED ?덃끝雍멨눣?㎩댍IC
CDT3266 BOWIN-CDT3266 Datasheet
111Kb / 3P
   鈺?젿?쭵C
More results

Similar Description - CDT3269

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3332-00 BOWIN-CDT3332-00 Datasheet
86Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3332-02 BOWIN-CDT3332-02 Datasheet
84Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3332-15 BOWIN-CDT3332-15 Datasheet
81Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3457 BOWIN-CDT3457 Datasheet
104Kb / 4P
   ???LED 雍멨눣?㎩댍IC
CDT3332-04 BOWIN-CDT3332-04 Datasheet
105Kb / 4P
   ???LED 雍멨눣?㎩댍IC
CDT3332-16 BOWIN-CDT3332-16 Datasheet
81Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3205 BOWIN-CDT3205 Datasheet
109Kb / 4P
   ???LED 雍멨눣?㎩댍IC
CDT3332-06 BOWIN-CDT3332-06 Datasheet
87Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3332-08 BOWIN-CDT3332-08 Datasheet
90Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3332-01 BOWIN-CDT3332-01 Datasheet
87Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3412 BOWIN-CDT3412 Datasheet
172Kb / 9P
   ???LED 雍멨눣?㎩댍IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com