Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0603F-24 Datasheet(PDF) 3 Page - ULTRA LEVEL TECH CO., LTD.

Part # RL0603F-24
Description  AC-DC SWITCHING POWER SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

RL0603F-24 Datasheet(HTML) 3 Page - ULTRA LEVEL TECH CO., LTD.

  RL0603F-24 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. RL0603F-24 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. RL0603F-24 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
RL0603F Series (Enclosed with Top Fan Type): 5(L) x 3.2(W) x 2(H) inches; Weight: 500g.
NOTES:
Input Connector(CN3): Mating Molex Part No. 09-93-0500 or equivalent (5 pin, 3 used) PCB Labeling: L = Line; N = Neutral; G =
Chassis Ground; Molex Engineering Series 2478, 2578, 8818 or Howder M3. 3 pin Terminal block 6.35MM Center (HD-601-3P).
Output Connector (CN2): Mating Molex Part No. 09-93-0600. Mating Pins: Molex Engineering Series 2478, 2578, 8818.
or Howder M3. 3 pin Terminal block 6.35MM Center (HD-601-4P) Mating JST Part No. XHP-2 or equivalent (CHYAO SHIUNN JS-
4001-06).
Connector Pin Assignment: (See table in right).
Power Good, Remote On/Off mating connectors (CN1):
Mating JST Part No. XHP-3 or equivalent (CHYAO SHIUNN JS-2001-03).
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26.
Signal Pin Assignment:
Pins 1 : Power good .
Pins 2 : Remote Switch.
Pins 3 : RTN.
Fan Drive: Mating JST Part No. XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02).
Mounting Inserts: 7 Places M3. Maximum Penetration 3.8mm sees outline drawing for location.
Howder
Molex
Pins 1-2: V+
Pins 1-3: V+
Pins 3-4: V-
Pins 4-6: V-
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465


Similar Part No. - RL0603F-24

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL0603FK-070R105L YAGEO-RL0603FK-070R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0603FK-070R12L YAGEO-RL0603FK-070R12L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0603FK-070R1L YAGEO-RL0603FK-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0603FK-07100RL YAGEO-RL0603FK-07100RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0603FK-0710RL YAGEO-RL0603FK-0710RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL0603F-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com