Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0603DF-0524 Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # RL0603DF-0524
Description  AC-DC SWITCHING POWER SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

RL0603DF-0524 Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  RL0603DF-0524 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. RL0603DF-0524 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. RL0603DF-0524 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
OUTLINE DRAWING:
NOTE:
* RL0603D series are designated as RL0603Dx-y where x can be U (U-Chassis Type) or F (U-Chassis with Cover and built-in Fan installed);
y can be 0312, 0324, 0512, 0524, 0548 and 1224.
* Type U (with min. 16CFM forced air) & F: Max. 250W total combined power of V1 and V2 for RL0603Dx-1224 and 200W for other models.
* Type U (with convection cooling): Max. 135W total combined power of V1 and V2 for RL0603DU-1224 and 100W for other models.
* Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1uF ceramic and 22uF electrolytic capacitors.
* 10% minimum load is required for all outputs to maintain the ripple and regulation.
* Output is fully isolated.
RL0603DU Series (U-Chassis Type): 5(L) x 3.2(W) x 1.5(H) inches; Weight: 450g.
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
Model
Number
Output
Voltage
Max. Output Current
Regulation
Ripple &
Noise
Type U (with min. 16CFM
forced air) & F
Type U (Convection)
RL0603Dx-0312
V1:+3.3V
24A
12A
+/- 5%
50mV
V2:+12V
12A
7A
+/- 5%
1%
RL0603Dx-0324
V1:+3.3V
24A
12A
+/- 5%
50mV
V2:+24V
6A
4A
+/- 5%
1%
RL0603Dx-0512
V1:+5V
24A
12A
+/- 5%
1%
V2:+12V
12A
7A
+/- 5%
1%
RL0603Dx-0524
V1:+5V
24A
12A
+/- 5%
1%
V2:+24V
6A
4A
+/- 5%
1%
RL0603Dx-0548
V1:+5V
24A
12A
+/- 5%
1%
V2:+48V
3A
2A
+/- 5%
1%
RL0603Dx-1224
V1:+12V
12A
7A
+/- 5%
1%
V2:+24V
6A
4A
+/- 5%
1%
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465
INPUT
OUTPUT


Similar Part No. - RL0603DF-0524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0603 ETC1-RL0603 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0603 YAGEO-RL0603 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
RL0603 YAGEO-RL0603 Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
ULTRA LEVEL TECH CO., L...
RL0603 ULC-RL0603 Datasheet
338Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Delta Electronics, Inc.
RL0603-C-R070F DELTA-RL0603-C-R070F Datasheet
160Kb / 7P
   1/10W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
More results

Similar Description - RL0603DF-0524

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com