Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0603U-48 Datasheet(PDF) 1 Page - ULTRA LEVEL TECH CO., LTD.

Part # RL0603U-48
Description  AC-DC SWITCHING POWER SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

RL0603U-48 Datasheet(HTML) 1 Page - ULTRA LEVEL TECH CO., LTD.

  RL0603U-48 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. RL0603U-48 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. RL0603U-48 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
135W ~ 250W AC-DC SWITCHING POWER SUPPLY
RL0603 SINGLE OUTPUT SERIES
FEATURES:
◆ Compact 250W with 1U height Power Density: 10.4 watts/cu in.
◆ U-Chassis & Enclosed with built-in fan Mechanical Options
◆ Low Leakage Current 500uA @ 240Vac / 300uA @ 120Vac
◆ Providing Peak Power 600W within 500uS duty duration
◆ Variable Fan Speed & Low Acoustical Noise
◆ High Quality & Reliable Component Usage
◆ Approved to UL CUL TUV CB and CE.
◆ AC Input Range Auto-Selectable
◆ Output Voltages from 2 ~ 60Vdc
PRODUCT SPECIFICATIONS:
Power Good: PG on CN1 goes high 100-500mS after DC regulation
and low at least 1mS before loss of regulation (Open collector).
Fan Drive: 12VDC/300mA is available to drive an external fan.
Switching Frequency: 25K Hz fixed frequency.
EMC: EN55022 class B conducted / radiated, EN61000-3-2,
EN61000-3-3; EN55024 (IEC61000-4-2, IEC61000-4-3, IEC61000-4-
4, IEC61000-4-5, IEC61000-4-6, IEC61000-4-11).
Safety Regulation: UL60950-1, EN60950-1, IEC60950-1.
Leakage Current: < 1mA @ 264Vac.
(optional for 500uA max. at 240Vac / 300uA max. at 120Vac input)
HI-POT Withstand Voltage: 1500 VAC input line to chassis (10mA
DC cut off current); Isolating 3000VAC primary to secondary
windings; Primary to core 1500VAC. All for 3 sec.
Grounding Test: Apply 25 A from ground pin of the three prong plug
to the far most earth. Max allowable resistance 0.1 ohm.
Warranty: 2 years.
MTBF: 100000 Hrs (according to MIL-HBK-217F) at 30 degree C.
Cooling:
RL0603U Series: 135W max. under air convection.
250W max. with min. 16CFM forced air flow.
RL0603F Series: 250W max. with top built-in fan flow.
Burn in: 45 +/- 5 degree C for 1 hour @230Vac with full load.
Enclosure:
RL0603U Series (U-Chassis Type): 5(L) x 3.2(W) x 1.5(H) inches.
RL0603F Series (Enclosed Type): 5(L) x 3.2(W) x 2(H) inches.
Weight: RL0603U Series: 400g; RL0603F Series: 500g.
Input Voltage: 90-132 / 180-264Vac, 47-63Hz auto selectable.
Input Current: 6/3A at 110-120 / 200-240VAC.
Inrush Current: Max. 70A@230Vac & 35A@115Vac; cold start.
PFC: Power factor corrected to EN61000-3-2 class A.
Transient Response: Output voltage returns to within 1% in less
than 2.5mS for a 50% load change, peak does not excess 5%.
Overshoot: Turn-on & off overshoot < 5% over nominal voltage.
Efficiency: 70% ~ 85% depends on model.
Turn On Delay: 1 second maximum at 230 Vac.
Hold Up Time: 20mS min. at 80% of full load.
Adjustability: Output user adjustable +/-5% minimum.
Input Fusing Protection: One T8A/250V fuse inserted in primary.
Over Voltage Protection: Unit latching down when output exceed
130% and recycle AC input to reset.
Over-Power Protection: 110-140% of I-Max; Auto-recovery.
Short Circuit Protection: Trip without damage and auto-recovery.
Over-Temperature Protection: Unit protected of excessive
operating ambient 110 ℃, and automatic recovery.
Operating Temperature: 0℃ to 70℃ ambient, de-rating at 2.5% per
degree from 50℃ to 70℃.
Operating Humidity: 5% to 90% RH, Non-condensing.
Storage Humidity: 5% to 95% RH, Non-condensing.
Storage Temperature: -20 to 85 ℃.
Vibration: 5 ~ 50 Hz, acceleration 7.35 m/s*s on X,Y and Z Axis.
Remote On-Off: Designated as RMSW on the CN1, requires a low
signal to inhibit output. Hiccough mode.
Power Supply On: Green LED designated as LED1 on the PCB.
CB
RL0603U Series (U-Chassis Type): 5(L) x 3.2(W) x 1.5(H) inches.
RL0603F Series (Enclosed Type): 5(L) x 3.2(W) x 2(H) inches.
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.


Similar Part No. - RL0603U-48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0603 ETC1-RL0603 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0603 YAGEO-RL0603 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
RL0603 YAGEO-RL0603 Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
Delta Electronics, Inc.
RL0603-C-R070F DELTA-RL0603-C-R070F Datasheet
160Kb / 7P
   1/10W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
RL0603-C-R070G DELTA-RL0603-C-R070G Datasheet
160Kb / 7P
   1/10W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
More results

Similar Description - RL0603U-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com