Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0402U-24 Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # RL0402U-24
Description  AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

RL0402U-24 Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  RL0402U-24 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. RL0402U-24 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. RL0402U-24 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE:
* RL0402x-yz. x = U (U-Chassis Type) or E (Enclosed with built-in Fan Type). or y = 03, 05, 12, 18, 24, 36 or 48. z = blank or I where I
denote forced current sharing option (OR-ring diode).
* RL0402U Series: 400W max. with 23CFM airflow or 250W max. under convection cooling
* RL0402E Series: 400W max. with built-in fan flow.
* All output ranges are covered in agency certifications and preset output voltage for each model as above listings.
* Providing peak power to 700W within 500uS for all models, longer duty duration need contact manufacture.
* 1% minimum load is required to maintain the ripple and regulation.
* Output is fully isolated.
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
Model
Output
Range
Preset
Voltage
Max. Output Power or Current
Total
Regulation
Ripple &
Noise
Type U
(Convection)
Type U (with forced air)
& E
RL0402x-03(I)
2 ~ 3.3V
3.3V
45A
60A
+/- 1%
+/-1%
RL0402x-05(I)
5 ~ 6V
5V
45A
60A
+/- 1%
+/-1%
RL0402x-12(I)
12 ~ 15V
12V
250W
400W
+/- 1%
+/-1%
RL0402x-18(I)
16 ~ 21V
18V
250W
400W
+/- 1%
+/-1%
RL0402x-24(I)
22 ~ 30V
24V
250W
400W
+/- 1%
+/-1%
RL0402x-36(I)
31 ~ 41V
36V
250W
400W
+/- 1%
+/-1%
RL0402x-48(I)
42 ~ 58V
48V
250W
400W
+/- 1%
+/-1%
OUTLINE DRAWING:
RL0402U Series (U-Chassis Type): 8(L) x 5(W) x 1.6(H)inches; Weight: 1.3kg
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465
B
B
C
C
B
CN1


Similar Part No. - RL0402U-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0402 YAGEO-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
RL0402 YAGEO-RL0402 Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
ULTRA LEVEL TECH CO., L...
RL0402D ULC-RL0402D Datasheet
460Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
RL0402DE-0312 ULC-RL0402DE-0312 Datasheet
460Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
More results

Similar Description - RL0402U-24

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
RL0402D ULC-RL0402D Datasheet
460Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
logo
Arch Electronics Corp.
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF500E ARCH-MQF500E_18 Datasheet
294Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF240O ARCH-MQF240O_18 Datasheet
344Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF500O ARCH-MQF500O_18 Datasheet
332Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF240E ARCH-MQF240E_18 Datasheet
313Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1103D ULC-PRL1103D Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
logo
Wall Industries,Inc.
PSRL0402DM WALL-PSRL0402DM Datasheet
294Kb / 4P
   400 Watt with Airflow Dual Output Medical Approved AC/DC Medical Power Supply with Active PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com