Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRL0801U-36 Datasheet(PDF) 4 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL0801U-36
Description  AC-DC PFC SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL0801U-36 Datasheet(HTML) 4 Page - ULTRA LEVEL TECH CO., LTD.

  PRL0801U-36 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL0801U-36 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL0801U-36 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL0801U-36 Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
F Type (U-Chassis with Top built-in Fan): 5(L) x 3.2(W) x 2(H) inches; Weight: 600g.
E Type (Enclosed with Rear Side built-in Fan): 6.5(L) x 3.2(W) x 1.6(H)inches; Weight: 650g.
81.28
165.10
114.30
6.35
68.58 [2.70]
44.52
64.77
8.26
40.64
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465


Similar Part No. - PRL0801U-36

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801DE-0512 ULC-PRL0801DE-0512 Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801DE-0524 ULC-PRL0801DE-0524 Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801DE-0548 ULC-PRL0801DE-0548 Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801DE-1224 ULC-PRL0801DE-1224 Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
More results

Similar Description - PRL0801U-36

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0602N ULC-PRL0602N Datasheet
454Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1301D ULC-PRL1301D Datasheet
477Kb / 4P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1103D ULC-PRL1103D Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
logo
MicroPower Direct, LLC
MPA350X MPD-MPA350X Datasheet
296Kb / 3P
   350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
ULTRA LEVEL TECH CO., L...
PRL1201 ULC-PRL1201 Datasheet
264Kb / 3P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL1301 ULC-PRL1301 Datasheet
478Kb / 4P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com