Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRL1103F-24 Datasheet(PDF) 1 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL1103F-24
Description  AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL1103F-24 Datasheet(HTML) 1 Page - ULTRA LEVEL TECH CO., LTD.

  PRL1103F-24 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL1103F-24 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL1103F-24 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL1103F-24 Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES:
◆ Compact 300W with 1U height Power Density: 12.5 watts/cu in
◆ Safety Approvals to IEC/EN/UL60601-1 3rd Edition
◆ Power Factor Corrected to EN61000-3-2 class D
◆ Peak Power 600W within 500uS Duty Duration
◆ Variable Fan Speed & Low Acoustical Noise
◆ High Quality & Reliable Component Usage
◆ Output Voltages from 12 ~ 52Vdc
◆ 3 - Mechanical Options
◆ Full Range AC Input
PRODUCT SPECIFICATIONS:
Input Voltage: 90-264Vac full range, 47~63Hz.
Input Current: 5A at 90Vac.
Inrush Current: Max. 70A@230Vac & 35A@115Vac; cold start.
PFC: Power Factor Correction pass EN61000-3-2 class D.
Transient Response: Returns to within 1% in less than 2.5mS for a
50% load change and the peak transient does not excess 5%.
Overshoot: Turn-on & off overshoot < 5% over nominal voltage.
Efficiency: 86% typical @ 230V and full load.
Turn On Delay: 1 second maximum at 230 Vac.
Hold Up Time: 16mS min @ 120Vac. at 80% of full load.
Adjustability: Output user adjustable +/-5% minimum.
Fan Drive: 12VDC/300mA offering to drive an external fan.
Fan Fail (FF) Alarm: Designated as FF on pin 3 of CN3 is a open
collector output rated for 28VDC/5mA sink current maximum, it will
go high when a fan failure is detected.
Remote On-Off: Designated as INH on pin4 of CN3, requires a low
signal to inhibit output.
Power Supply On: Green LED designated as LED1 on the PCB.
Power Good: PG on CN3 goes high 100-500mS after DC regulation
and low at least 1mS before loss of regulation (Open collector).
Input Fusing Protection: Dual T5A/250V fuses inserted in primary.
Over-Power Protection: 110~140% of I-Max; Auto-recovery.
Short Circuit Protection: Trip without damage and auto-recovery.
Switching Frequency: PFC 50K~70K Hz; PWM 65K~75K Hz.
Over Voltage Protection: Unit latching down when output exceed
130% and recycle AC input to reset.
Over-Temperature Protection: Unit protected of excessive
operating ambient 110℃±5 ℃, and automatic recovery.
Operating Temperature: 0 to 70℃ ambient, de-rating at 2.5% per
degree from 50℃ to 70℃.
Vibration: 5 ~ 50 Hz, acceleration ±7.35 m/s*s on X,Y and Z Axis.
Storage Temperature: -20 to 85 ℃.
Operating Humidity: 5% to 90% RH, Non-condensing.
Storage Humidity: 5% to 95% RH, Non-condensing.
EMC: EN60601-1-2 class B conducted / radiated; EN61000-3-2,3;
IEC61000-4-2, 3, 4, 5, 6, 8, 11.
Safety Regulation: EN/ IEC/ UL60601-1 3rd edition.
Leakage Current: < 300uA @ 264Vac.
HI-POT Test: 1500 VAC input line to chassis (10mA DC cut off
current); Isolating 4000VAC primary to secondary windings;
Primary to core 1500VAC. All for 3 sec.
Grounding Test: Apply 25 A from ground pin of the three prong
plug to the far most earth. Max allowable resistance 0.1 ohm.
Warranty: 2 years.
MTBF: 100000 Hrs (according to MIL-HBK-217F) at 30 ℃ .
Cooling:
U Type: U-Chassis @300W max. with 25CFM forced airflow; 150W
convection.
E Type: Enclosed with rear side built-in fan @300W max.
F Type: U-Chassis with top built-in fan @300W max.
Enclosure:
U Type: 5(L) x 3.2(W) x 1.5(H) inches.
E Type: 6.5(L) x 3.2(W) x 1.6(H) inches.
F Type: 5(L) x 3.2(W) x 2(H)inches.
Burn in: 45 +/- 5 degree C for 1 hour @230Vac with full load.
Weight: Maximum U-Type weight is 500g.
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
http://www.ultralevel.com.tw Tel:+886-2-29180118 Fax:+886-2-29181465
CB
E Type (Enclosed with end built-in fan):
3.2(W) x 6.5(L) x 1.6(H) inches
U Type (U-Chassis only):
3.2(W) x 5(L )x 1.5(H) inches.
F Type (U-Chassis with top built-in fan ):
3.2(W) x 5(L) x 2(H) inches.


Similar Part No. - PRL1103F-24

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL1103D ULC-PRL1103D Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1103DE-0512 ULC-PRL1103DE-0512 Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1103DE-1224 ULC-PRL1103DE-1224 Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1103DF-0512 ULC-PRL1103DF-0512 Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1103DF-1224 ULC-PRL1103DF-1224 Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
More results

Similar Description - PRL1103F-24

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL1103D ULC-PRL1103D Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL0801 ULC-PRL0801 Datasheet
509Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
logo
SynQor Worldwide Headqu...
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU12EACFD SYNQOR-AQ0400MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
logo
MicroPower Direct, LLC
MPA400M MPD-MPA400M Datasheet
261Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
logo
ULTRA LEVEL TECH CO., L...
RL0402D ULC-RL0402D Datasheet
460Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
logo
SynQor Worldwide Headqu...
AQ0500MU12EQCFD SYNQOR-AQ0500MU12EQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
logo
ULTRA LEVEL TECH CO., L...
RL0402 ULC-RL0402 Datasheet
373Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
logo
MicroPower Direct, LLC
MPA400MD MPD-MPA400MD Datasheet
288Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com