Electronic Components Datasheet Search |
|
PRL0801DF-0524 Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD. |
|
PRL0801DF-0524 Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD. |
2 / 4 page OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector. Note: * PRL0801D series are designated as PRL0801Dx-y where x can be U (U-Chassis only or with optional vented top cover), F (U-chassis with top cover and fan installed) or E (Enclosed Type with rear side built-in fan) , y can be 0512, 0524, 0548, 1224. * U Type: U-Chassis @240W max. with min. 25CFM forced airflow or 120W max. under air convection (Option: vented top cover). * E Type: Enclosed with rear side built-in fan @240W max. * F Type: U-Chassis with top built-in fan @240W max. * Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1µF ceramic and 22µF electrolytic capacitors. * 10% minimum load is required to maintain the ripple and regulation. * Output is fully isolated. Input Connector (CN1): U and F Type: Mating Molex Part No. VHR-5N or equivalent (5pin, 3 used), or Terminal Block: Howder M3 screws 3 pin 6.35mm center Part No. HD-601-3P; PCB Labeling: L=Line; N=Neutral; G=Chassis Ground . E Type: IEC320 snap-in mounting type or Terminal Block: Howder HD-602-3P. Output Connector (CN2): Molex Part No. VHR-8N Terminal block – Howder M3 Part No. HD-816-3P Output Pin Assignment: (See table in right). Mounting Inserts: 6 Places M3X0.7. Maximum Penetration 4mm sees outline drawing for location. Logic signal connector (CN3): Mating JST XHP-4 or equivalent (CHYAO SHIUNN JS-2001-04); Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26. : Fan driver connector (FAN1): Mating connector is JST P/N XHP-3 (3 pins 0.98 pitch) or equivalent (CHYAO SHIUNN JS-2001-03). Howder Molex V1 : Pin 3 V1 : Pin 6~8 RTN : Pin 2 RTN : Pin 2~5 V2 : Pin 1 V2 : Pin 1 Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice. OUTLINE DRAWING: Model Number Output Voltage Max. Output Current Regulation Ripple & Noise Type U (force air) & E & F Type U (Convection) PRL0801Dx-0512 V1:+ 5V 24A 12A +/- 5% 1% V2:+ 12V 13.33A 6.67A +/- 5% 1% PRL0801Dx-0524 V1:+ 5V 24A 12A +/- 5% 1% V2:+ 24V 6.67A 3.33A +/- 5% 1% PRL0801Dx-0548 V1:+ 5V 24A 12A +/- 5% 1% V2:+ 48V 3.33A 1.67A +/- 5% 1% PRL0801Dx-1224 V1:+ 12V 13.33A 6.67A +/- 5% 1% V2:+ 24V 6.67A 3.33A +/- 5% 1% ULTRA LEVEL TECH CO., LTD. We Supply the Power Customers Need ISO9001 www.ultralevel.com.tw Tel:+886-2-29180118 Fax:+886-2-29181465 |
Similar Part No. - PRL0801DF-0524 |
|
Similar Description - PRL0801DF-0524 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |