Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH88612C Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MH88612C
Description  Subscriber Line Interface Circuit Preliminary Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88612C Datasheet(HTML) 6 Page - Mitel Networks Corporation

  MH88612C Datasheet HTML 1Page - Mitel Networks Corporation MH88612C Datasheet HTML 2Page - Mitel Networks Corporation MH88612C Datasheet HTML 3Page - Mitel Networks Corporation MH88612C Datasheet HTML 4Page - Mitel Networks Corporation MH88612C Datasheet HTML 5Page - Mitel Networks Corporation MH88612C Datasheet HTML 6Page - Mitel Networks Corporation MH88612C Datasheet HTML 7Page - Mitel Networks Corporation MH88612C Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2-118
MH88612C
Preliminary Information
AC Electrical Characteristics
* Typical figure are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Note (1): Zin = 200 + 560
Ω //0.1µF
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
Ringing Voltage
VRING
40
90
25
Vrms
Hz
Superimposed on
VBat =-48V
2
Ringer Equivalence Number
REN
3
3
Ring Trip Detect time
100
ms
4
Input AC Impedance 2-wire
(1)
Zin
719
@1020Hz
5
Input Impedance at VR
100
k
6
Output Impedance at VX
10
7
Gain 2-wire to VX
Gain relative to Gain @ 1kHz
-0.5
-0.22
0
0.1
0.1
dB
dB
dB
Input 3 dBm, 1kHz across
Tip and Ring,
300Hz & 3k4Hz
600Hz & 2k4Hz
ZLoad See Note (1).
8
Gain VR to 2-wire
Gain relative to Gain @ 1kHz
with GS @ logic high
-0.6
-0.5
0.22
0
-0.4
0.1
0.1
dB
dB
dB
dB
Input 1.0Vrms, 1kHz @ VR
with GS @ at logic high
with GS @ at logic low
300Hz & 3k4Hz
600Hz & 2k4Hz
ZLoad, See Note (1).
9
2-wire Return Loss over
300-3400Hz
20
30
dB
Input 0.5 Vrms , across Tip
and Ring, ZLoad = complex
network. See Note (1).
10
Transhybrid Loss over
300-3400 Hz
THL
20
35
dB
Input 0.5V Vrms, ZLoad=
complex network. See
Note (1).
11
Longitudinal to Metallic
Balance over 300-3400 Hz
46
55
dB
Input 1 Vrms
12
Total Harmonic Distortion
at VX
at Tip and Ring
THD
0.1
0.1
1.0
1.0
%
%
Input 3dBm, 1 kHz
across Tip and Ring,
Input 1.0 Vrms 1kHz at VR
13
Common Mode Rejection
Ratio
2-wire to VX
CMRR
40
50
dB
Input 1 Vrms, 1KHz
14
Idle channel Noise
(at VX)
(at T & R)
Nc
14
-76
12
-78
dBrnC
dBrnp
dBrnC
dBrnp
C- Message
psophemetric
C- Message
psophometric
15
Power supply rejection ratio
VDD
VEE
VBat
PSRR
20
20
20
30
30
30
dB
dB
dB
1 VPP ripple, 1kHz on
VDD/VEE//VBat,measure at
Vx and across Tip and
Ring


Similar Part No. - MH88612C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
logo
API Technologies Corp
MH88612 APITECH-MH88612 Datasheet
287Kb / 1P
   Transformer
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
MH88612BV-2 ZARLINK-MH88612BV-2 Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
logo
Mitel Networks Corporat...
MH88612BV-K MITEL-MH88612BV-K Datasheet
47Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Advance Information
More results

Similar Description - MH88612C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88612K MITEL-MH88612K Datasheet
72Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500 MITEL-MH88500 Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88520-1 MITEL-MH88520-1 Datasheet
105Kb / 10P
   German Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
   Line Interface Circuit Preliminary Information
MH88422 MITEL-MH88422 Datasheet
121Kb / 12P
   Line Interface Circuit Preliminary Information
MH88615 MITEL-MH88615 Datasheet
50Kb / 6P
   ONS Subscriber Line Interface Circuit Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com