Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCW406AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MCW406AT
Description  Precision Wide Terminal Thin Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MCW406AT Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MCW 0406 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 22-Jan-15
3
Document Number: 28847
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Products can be ordered using either the PART NUMBER or PRODUCT DESCRIPTION.
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
MCW 0406 AT
± 25 ppm/K
± 0.1 %
1
 to 100 k
E24; E192
± 15 ppm/K
± 0.1 %
47
 to 100 k
E24; E192
PACKAGING
TYPE / SIZE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL
DIAMETER
MCW 0406 AT
P1
1000
Tape and reel
cardboard tape acc.
IEC 60286-3 Type 1a
8 mm
4 mm
180 mm/7"
P5
5000
PW
20 000
330 mm/13"
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: MCW0406MD4641BPW00
TYPE / SIZE
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
MCW0406
M = AT (Automotive)
E = ± 15 ppm/K
D = ± 25 ppm/K
3 digit value
1 digit
multiplier
MULTIPLIER
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
B = ± 0.1 %
P1
P5
PW
PRODUCT DESCRIPTION: MCW 0406-25 0.1 % AT PW 4K64
MCW
0406
-25
0.1 %
AT
PW
4K64
TYPE
SIZE
TCR
TOLERANCE
VERSION
PACKAGING
RESISTANCE
MCW
0406
± 15 ppm/K
± 25 ppm/K
± 0.1 %
AT = Automotive
P1
P5
PW
4K64 = 4.64 k
C
W
0
406
M
D
4
M
41
B
P
W
00
6


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn