Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCW406AT Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. MCW406AT
Description  Precision Wide Terminal Thin Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCW406AT Datasheet(HTML) 7 Page - Vishay Siliconix

  MCW406AT_15 Datasheet HTML 1Page - Vishay Siliconix MCW406AT_15 Datasheet HTML 2Page - Vishay Siliconix MCW406AT_15 Datasheet HTML 3Page - Vishay Siliconix MCW406AT_15 Datasheet HTML 4Page - Vishay Siliconix MCW406AT_15 Datasheet HTML 5Page - Vishay Siliconix MCW406AT_15 Datasheet HTML 6Page - Vishay Siliconix MCW406AT_15 Datasheet HTML 7Page - Vishay Siliconix MCW406AT_15 Datasheet HTML 8Page - Vishay Siliconix MCW406AT_15 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MCW 0406 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 22-Jan-15
7
Document Number: 28847
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents.
4.27
-
Single pulse high
voltage overload:
Standard operation mode
Severity no. 4:
U = 10 x
or
U = 2 x Umax.;
whichever is the less severe;
10 pulses 10 μs/700 μs
To be determined
4.37
-
Periodic electric overload:
Standard operation mode
U =
or
U = 2 x Umax.
whichever is the less severe;
0.1 s on; 2.5 s off;
1000 cycles
To be determined
4.38
-
Electro Static Discharge
(Human Body Model)
IEC 61340-3-1 (1);
3 pos. + 3 neg.
(equivalent to MIL-STD-883,
method 3015)
500 V
± (0.5 % R + 0.05
)
4.22
6 (Fc)
Vibration
Endurance by sweeping;
10 Hz to 2000 Hz;
no resonance;
amplitude
 1.5 mm or
200 m/s2; 7.5 h
± (0.05 % R + 0.01
)
no visible damage
4.17.2
58 (Td)
Solderability
Solder bath method;
SnPb40; non-activated flux
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
 95 % covered);
no visible damage
Solder bath method;
SnAg3Cu0.5 or SnAg3.5;
non-activated flux;
(235 ± 3) °C; (2 ± 0.2) s
Good tinning (
95 % covered);
no visible damage
4.18.2
58 (Td)
Resistance to
soldering heat
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
± (0.1 % R + 0.02
)
no visible damage
4.29
45 (XA)
Component solvent
resistance
Isopropyl alcohol +50 °C;
method 2
No visible damage
4.32
21 (Ue3)
Shear (adhesion)
9 N
No visible damage
4.33
21 (Ue1)
Substrate bending
Depth 2 mm, 3 times
± (0.05 % R + 0.01
)
no visible damage; no open circuit in bent position
4.7
-
Voltage proof
URMS = Uins; (60 ± 5) s
No flashover or breakdown
4.35
-
Flammability
Needle flame test; 10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
Stability for product types:
MCW 0406 AT
1
 to 100 k
P
70 x R
15
x P
70 x R


Similar Part No. - MCW406AT_15

ManufacturerPart No.DatasheetDescription
Minmax Technology Co., Ltd.
Minmax Technology Co., ...
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
Total Power International
Total Power Internation...
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
Minmax Technology Co., Ltd.
Minmax Technology Co., ...
MCW03-05D05 MINMAX-MCW03-05D05 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
Total Power International
Total Power Internation...
MCW03-05D05 TOTAL-POWER-MCW03-05D05 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
Minmax Technology Co., Ltd.
Minmax Technology Co., ...
MCW03-05D12 MINMAX-MCW03-05D12 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
More results

Similar Description - MCW406AT_15

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
MCW0406AT VISHAY-MCW0406AT Datasheet
123Kb / 8P
   Precision Wide Terminal Thin Film Chip Resistors
MCW0406AT VISHAY-MCW0406AT_15 Datasheet
119Kb / 10P
   Professional Wide Terminal Thin Film Chip Resistors
TT Electronics.
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
Bourns Electronic Solutions
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
TT Electronics.
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
IRC - a TT electronics Company.
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
MERITEK ELECTRONICS CORPORATION
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
Vishay Siliconix
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Bourns Electronic Solutions
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz