Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCW406AT Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. MCW406AT
Description  Precision Wide Terminal Thin Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MCW406AT Datasheet(HTML) 6 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MCW 0406 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 22-Jan-15
6
Document Number: 28847
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
Stability for product types:
MCW 0406 AT
1
 to 100 k
4.5
-
Resistance
-
± 0.1 % R
4.8.4.2
-
Temperature
coefficient
At (20 / -55 / 20) °C and
(20 / 155 / 20) °C
± 15 ppm/K;
± 25 ppm/K
4.25.1
-
Endurance at 70 °C:
Standard operation mode
U =
or U = Umax.;
whichever is the less severe;
1.5 h on; 0.5 h off;
70 °C; 1000 h
70 °C; 8000 h
± (0.1 % R + 0.02
)
± (0.2 % R + 0.02
)
Endurance at 70 °C:
Power operation mode
U =
or U = Umax.;
whichever is the less severe;
1.5 h on; 0.5 h off;
70 °C; 1000 h
70 °C; 8000 h
± (0.2 % R + 0.02
)
± (0.4 % R + 0.05
)
4.25.3
-
Endurance at
upper category
temperature
125 °C; 1000 h
155 °C; 1000 h
± (0.15 % R + 0.02
)
± (0.3 % R + 0.05
)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
± (0.1 % R + 0.02
)
4.39
67 (Cy)
Damp heat,
steady state,
accelerated:
Standard operation mode
(85 ± 2) °C
(85 ± 5) % RH
U =
;
U
0.3 x U
max.; 1000 h
± (0.5 % R + 0.05
)
4.23
Climatic sequence:
Standard operation mode:
± (0.25 % R + 0.05
)
4.23.2
2 (Bb)
Dry heat
UCT; 16 h
4.23.3
30 (Db)
Damp heat, cyclic
55 °C; 24 h;
 90 % RH;
1 cycle
4.23.4
1
Cold
LCT; 2 h
4.23.5
13 (M)
Low air pressure
8.5 kPa; 2 h; (25 ± 10) °C
4.23.6
30 (Db)
Damp heat, cyclic
55 °C; 24 h;
 90 % RH;
5 cycles
4.23.7
-
DC load
U =
 U
max.; 1 min;
LCT = -55 °C;
UCT = 125 °C
-1 (Ab)
Storage at low
temperature
-55 °C; 2 h
± (0.05 % R + 0.01
)
4.19
14 (Na)
Rapid change of
temperature
30 min at LCT and
30 min at UCT;
LCT = -55 °C;
UCT = 125 °C;
1000 cycles
± (0.25 % R + 0.05
)
4.13
-
Short time overload:
Standard operation mode
U = 2.5 x
 2 × U
max.;
whichever is the less severe;
5 s
± (0.05 % R + 0.01
)
P
70 x R
P
70 x R
0.1 x P
70 x R
P
70 x R
P
70 x R


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn