Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS1100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LPS1100
Description  Power Resistor for Mounting onto a Heatsink Thick Film Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPS1100 Datasheet(HTML) 4 Page - Vishay Siliconix

  LPS1100_15 Datasheet HTML 1Page - Vishay Siliconix LPS1100_15 Datasheet HTML 2Page - Vishay Siliconix LPS1100_15 Datasheet HTML 3Page - Vishay Siliconix LPS1100_15 Datasheet HTML 4Page - Vishay Siliconix LPS1100_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LPS 1100
www.vishay.com
Vishay Sfernice
Revision: 24-Oct-13
4
Document Number: 50059
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
LPS
1100
1 k
Ω
± 1 %
xxx
BO15
e
MODEL
STYLE
RESISTANCE
VALUE
TOLERANCE
CUSTOM
DESIGN
PACKAGING
LEAD (Pb)-FREE
± 1 %
± 2 %
± 5 %
± 10 %
Optional on
request:
special TCR,
shape, etc.
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
DIELECTRIC
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
LPS 1100
L = Dielectric
strengh 7 kV
H = Dielectric
strengh 12 kV
D = Partial
discharge
≤ 100 pC/7 kV and
≤ 10 pC/5 kV
The first three digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
48R7 = 48.7
Ω
47R0 = 47
Ω
1001 = 1 k
Ω
4R70 = 4.7
Ω
R240 = 0.24
Ω
F = 1 %
G = 2 %
J = 5 %
K = 10 %
B = Box 15 pieces
N = Box 15 pieces
n/a
As applicable
ZAx
J
B
S
110
0
H
4
R
L
P
70


Similar Part No. - LPS1100_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS1100110XXXBO15E VISHAY-LPS1100110XXXBO15E Datasheet
116Kb / 5P
   Power Resistor for Mounting onto a Heatsink
Revision: 05-Sep-12
LPS110011XXXBO15E VISHAY-LPS110011XXXBO15E Datasheet
116Kb / 5P
   Power Resistor for Mounting onto a Heatsink
Revision: 05-Sep-12
LPS1100H1001FB VISHAY-LPS1100H1001FB Datasheet
116Kb / 5P
   Power Resistor for Mounting onto a Heatsink
Revision: 05-Sep-12
LPS1100H1001FBZAX VISHAY-LPS1100H1001FBZAX Datasheet
116Kb / 5P
   Power Resistor for Mounting onto a Heatsink
Revision: 05-Sep-12
LPS1100H1001FN VISHAY-LPS1100H1001FN Datasheet
116Kb / 5P
   Power Resistor for Mounting onto a Heatsink
Revision: 05-Sep-12
More results

Similar Description - LPS1100_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RCH VISHAY-RCH Datasheet
125Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 06-Jul-15
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
LPS300 VISHAY-LPS300 Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 27-Oct-10
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
   Power Resistor for Mounting Onto a Heatsink Thick Film Technology
01-Jan-2022
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
RPS500 VISHAY-RPS500_15 Datasheet
91Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com