Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH88500 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MH88500
Description  Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88500 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MH88500 Datasheet HTML 1Page - Mitel Networks Corporation MH88500 Datasheet HTML 2Page - Mitel Networks Corporation MH88500 Datasheet HTML 3Page - Mitel Networks Corporation MH88500 Datasheet HTML 4Page - Mitel Networks Corporation MH88500 Datasheet HTML 5Page - Mitel Networks Corporation MH88500 Datasheet HTML 6Page - Mitel Networks Corporation MH88500 Datasheet HTML 7Page - Mitel Networks Corporation MH88500 Datasheet HTML 8Page - Mitel Networks Corporation MH88500 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2-37
Preliminary Information
MH88500
.
DC Electrical Characteristics
‡ Typical figures are at 25
°C with nominal+ 5V supplies and are for design aid only: not guaranteed and not subject to production testing.
Figure 4 - Return Loss VS Junctor Load Impedance
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
S
U
P
P
L
Y
Operating Supply Voltages
VA1,VA2
VB
VC1,VA2
-13
-30
-24
+13
-20
V
V
V
2
Operating Supply Currents
IA1
IA2
IB
IC1
IC2
7
8
6
.2
.1
mA
mA
mA
mA
mA
3
I
N
P
U
T
S
High Level Input Voltage
MUTE
RC
VIH
VIH
4.2
3
V
V
4
Low Level Input Voltage
MUTE
RC
VIL
VIL
.8
1
V
5
High Level Input Current
MUTE
RC
IIH
IIH
-28
700
µA
µA
6
Low Level input Current
MUTE
RC
IIL
IIL
100
1
µA
µA
7
O
U
T
P
U
T
S
Sink Current
LED
RD
ILED
IRD
2
65
6
100
mA
mA
VOFHK, -6V
CD=RC=5V,RGD=0V
VRRD<1.5V
8
Diode Clamp Current
IRLY
65
100
mA
RC=RGND=0V,
CD=5V VRRD <1.5V
9
High Level Output Voltage
VOH
6
V
LED Unconnected
10
Low Level Output Voltage
OFHK
VOL
-6.5
V
LED Unconnected
11
High Level Output Current
IOH
10
µA
12
Low Level Output Current
IOL
10
µΑ
10
20
30
40
50
60
550
600
650
700
750
800
850
900
950
TRANSHYBRID
LOSS
(dB)
LOAD IMPEDANCE ON JUNCTOR (
Ω)


Similar Part No. - MH88500

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
More results

Similar Description - MH88500

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88520-1 MITEL-MH88520-1 Datasheet
105Kb / 10P
   German Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88612C MITEL-MH88612C Datasheet
66Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612K MITEL-MH88612K Datasheet
72Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612BV-K MITEL-MH88612BV-K Datasheet
47Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Advance Information
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com