Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVR25 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HVR25
Description  High Ohmic (up to 10 Mohm)/High Voltage (up to 3.5 kV) Metal Film Leaded Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVR25 Datasheet(HTML) 4 Page - Vishay Siliconix

  HVR25 Datasheet HTML 1Page - Vishay Siliconix HVR25 Datasheet HTML 2Page - Vishay Siliconix HVR25 Datasheet HTML 3Page - Vishay Siliconix HVR25 Datasheet HTML 4Page - Vishay Siliconix HVR25 Datasheet HTML 5Page - Vishay Siliconix HVR25 Datasheet HTML 6Page - Vishay Siliconix HVR25 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HVR25, HVR37
www.vishay.com
Vishay BCcomponents
Revision: 26-May-14
4
Document Number: 30260
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
Maximum dissipation (Pmax.) in percentage of rated power as a function of ambient temperature (Tamb)
PULSE LOADING CAPABILITY
Note
• Maximum allowed peak pulse voltage in accordance with IEC 60065, 14.1.a; 50 discharges from a 1 nF capacitor charged to Umax.;
12 discharges/min
HVR25
R =  (4.0 % R + 0.1 )
HVR37
For 5 % tolerance
R =  (4.0 % R + 0.1 )
For 1 % tolerance
R =  (2.0 % R + 0.1 )
0
100
- 55
0
70
155
Ambient temperature
amb
Derating - Standard Operation
ϑ
12
11
10
4
5
6
7
8
9
10
-2
10
-1
10
0
10
1
10
2
(M
Ω)
R
12
11
10
4
5
6
7
8
9
10
-2
10
-1
10
0
10
1
10
2
(M
Ω)
R


Similar Part No. - HVR25

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVR25 RIEDON-HVR25 Datasheet
282Kb / 2P
   High Voltage / Thick Film Leaded Resistors
HVR25 RIEDON-HVR25 Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVR25 ETC-HVR25 Datasheet
774Kb / 1P
   HIGH VOLTAGE RESISTORS
logo
EIC discrete Semiconduc...
HVR250 EIC-HVR250 Datasheet
32Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
logo
List of Unclassifed Man...
HVR2500 ETC1-HVR2500 Datasheet
615Kb / 6P
   HIGH VOLTAGE RECTIFIERS
More results

Similar Description - HVR25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HTS VISHAY-HTS Datasheet
91Kb / 3P
   High Ohmic Values (up to 100 G ohm), High Voltage Resistors (up to 50 kV) Thick Film Technology
Revision: 01-Aug-13
HVR3700001204JR500 VISHAY-HVR3700001204JR500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
RCMX02 VISHAY-RCMX02 Datasheet
75Kb / 4P
   Molded Metal Film High Ohmic Value (to 50 Mohm) Resistors
Revision: 05-Aug-13
RCVAT-E3 VISHAY-RCVAT-E3 Datasheet
119Kb / 7P
   High Voltage (Up to 3 kV) Thick Film Chip Resistors
RCVE3 VISHAY-RCVE3 Datasheet
96Kb / 5P
   High Voltage (up to 0.5 kV) Thick Film Chip Resistors
Revision: 27-Mar-13
RCV-ATE3 VISHAY-RCV-ATE3 Datasheet
127Kb / 7P
   High Voltage (Up to 3 kV) Thick Film Chip Resistors
01-Jan-2022
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com