Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE91334 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91334
Description  Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91334 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91334 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91334 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91334 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
Connector 1
SMA Female Reverse Polarity
Connector 2
SMA Female Reverse Polarity
Impedance
50 Ohms
Body Style
Straight
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.35:1
. .
Mechanical Specifications
Size
Length
0.5 in [12.7 mm]
Width
0.25 in [6.35 mm]
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
SMA Female Reverse Polarity
SMA Female Reverse Polarity
Contact
Brass
Gold
Brass
Gold
Outer Conductor Passivated Stainless Steel
Gold
Passivated Stainless Steel
Gold
Body
Passivated Stainless Steel
Gold
Passivated Stainless Steel
Gold
. .
Environmental Specifications
Temperature
Operating Range
-65 to 125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter PE91334
PE91334 REV 1.0
Reverse Polarity SMA Female to
Reverse Polarity SMA Female Adapter
PE91334
RF Adapters Technical Data Sheet


Similar Part No. - PE91334

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91330 PASTERNACK-PE91330 Datasheet
599Kb / 3P
   Reverse Polarity SMA Male to Reverse Polarity SMA Male Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
   Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91332 PASTERNACK-PE91332 Datasheet
331Kb / 3P
   Precision SMA Male to SMA Female 45 Degree Right Adapter
PE91336 PASTERNACK-PE91336 Datasheet
354Kb / 3P
   Push-On SMA Male to SMA Female Adapter
PE91337 PASTERNACK-PE91337 Datasheet
326Kb / 3P
   Precision N Male to SMA Female Adapter
More results

Similar Description - PE91334

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9592 PASTERNACK-PE9592 Datasheet
254Kb / 2P
   Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE91262 PASTERNACK-PE91262 Datasheet
346Kb / 3P
   Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE9593 PASTERNACK-PE9593 Datasheet
261Kb / 3P
   Reverse Polarity SMA Female to Reverse Polarity SMA Female Bulkhead Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
   Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE9606 PASTERNACK-PE9606 Datasheet
376Kb / 3P
   Reverse Polarity SMA Female to Reverse Polarity TNC Female Adapter
PE91260 PASTERNACK-PE91260 Datasheet
346Kb / 3P
   SMA Female to Reverse Polarity SMA Female Adapter
PE91268 PASTERNACK-PE91268 Datasheet
348Kb / 3P
   QD Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91269 PASTERNACK-PE91269 Datasheet
349Kb / 3P
   4 Hole Flange Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE91270 PASTERNACK-PE91270 Datasheet
347Kb / 3P
   2 Hole Flange Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE9604 PASTERNACK-PE9604 Datasheet
242Kb / 2P
   Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com